Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC50P Datasheet(PDF) 4 Page - Won-Top Electronics

Part # KBPC50P
Description  50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC50P Datasheet(HTML) 4 Page - Won-Top Electronics

  KBPC50P Datasheet HTML 1Page - Won-Top Electronics KBPC50P Datasheet HTML 2Page - Won-Top Electronics KBPC50P Datasheet HTML 3Page - Won-Top Electronics KBPC50P Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBPC50P SERIES
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
KBPC5000P
Square Bridge
50 Units/Box
KBPC5000PW
Square Bridge
50 Units/Box
KBPC5001P
Square Bridge
50 Units/Box
KBPC5001PW
Square Bridge
50 Units/Box
KBPC5002P
Square Bridge
50 Units/Box
KBPC5002PW
Square Bridge
50 Units/Box
KBPC5004P
Square Bridge
50 Units/Box
KBPC5004PW
Square Bridge
50 Units/Box
KBPC5006P
Square Bridge
50 Units/Box
KBPC5006PW
Square Bridge
50 Units/Box
KBPC5008P
Square Bridge
50 Units/Box
KBPC5008PW
Square Bridge
50 Units/Box
KBPC5010P
Square Bridge
50 Units/Box
KBPC5010PW
Square Bridge
50 Units/Box
KBPC5012P
Square Bridge
50 Units/Box
KBPC5012PW
Square Bridge
50 Units/Box
KBPC5014P
Square Bridge
50 Units/Box
KBPC5014PW
Square Bridge
50 Units/Box
KBPC5016P
Square Bridge
50 Units/Box
KBPC5016PW
Square Bridge
50 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, KBPC5000P-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com