Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC601 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC601
Description  6.0A SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC601 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC601 Datasheet HTML 1Page - Won-Top Electronics KBPC601 Datasheet HTML 2Page - Won-Top Electronics KBPC601 Datasheet HTML 3Page - Won-Top Electronics KBPC601 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBPC600 – KBPC610
1 of 4
© 2006 Won-Top Electronics
Pb
KBPC600 – KBPC610
6.0A SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Diffused Junction
!
High Current Capability
H
!
High Case Dielectric Strength
G
!
High Surge Current Capability
+
~
!
Ideal for Printed Circuit Board Application
E
A
!
Plastic Material has UL Flammability 94V-0
~
-
!
Recognized File # E157705
Mechanical Data
!
Case: KBPC-6, Molded Plastic
D
C
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Marked on Body
B
!
Weight: 3.8 grams (approx.)
A
!
Mounting Position: Through Hole for #6 Screw
!
Mounting Torque: 10 cm-kg (8.8 in-lbs) Max.
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBPC
600
KBPC
601
KBPC
602
KBPC
604
KBPC
606
KBPC
608
KBPC
610
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TC = 50°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
125
A
Forward Voltage per leg
@IF = 3.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
5.0
500
µA
I2t Rating for Fusing (t<8.3ms) (Note 2)
I2t
64
A2s
Typical Junction Capacitance (Note 3)
Cj
80
pF
Typical Thermal Resistance per leg (Note 1)
RJC
9.5
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Note: 1. Mounted on metal chassis.
2. Non-repetitive, for t > 1ms and < 8.3ms.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
KBPC-6
Dim
Min
Max
A
14.73
15.75
B
5.80
6.90
C
19.00
—
D
1.00 Ø Typical
E
1.70
2.72
Hole for #6 screw
G
3.60
4.00
H
10.30
11.30
All Dimensions in mm


Similar Part No. - KBPC601

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC601 WTE-KBPC601 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC601 JGD-KBPC601 Datasheet
131Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC601 SEMTECH-KBPC601 Datasheet
122Kb / 2P
6.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC601 SSE-KBPC601 Datasheet
21Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC601 CHENYI-KBPC601 Datasheet
149Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Similar Description - KBPC601

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA60 SANYO-DBA60 Datasheet
26Kb / 2P
6.0A Single-Phase Bridge Rectifier
DBF60 SANYO-DBF60 Datasheet
48Kb / 2P
6.0A Single-Phase Bridge Rectifier
DBF60T SANYO-DBF60T Datasheet
43Kb / 2P
6.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBJ6A WTE-KBJ6A_06 Datasheet
76Kb / 4P
6.0A SINGLE-PHASE BRIDGE RECTIFIER
KBU600 WTE-KBU600_06 Datasheet
57Kb / 4P
6.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB605 TAITRON-TB605 Datasheet
176Kb / 4P
6.0A Single-Phase Silicon Bridge Rectifier
logo
Sanyo Semicon Device
DBF60 SANYO-DBF60_09 Datasheet
85Kb / 2P
6.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF60G ONSEMI-DBF60G Datasheet
696Kb / 2P
6.0A Single-Phase Bridge Rectifier
June, 2014
logo
Sangdest Microelectroni...
GBJ6005 SMC-GBJ6005 Datasheet
294Kb / 4P
Single-Phase 6.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
GBU6005 SMCDIODE-GBU6005 Datasheet
349Kb / 5P
Single-Phase 6.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com