Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC800 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC800
Description  8.0A SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC800 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC800 Datasheet HTML 1Page - Won-Top Electronics KBPC800 Datasheet HTML 2Page - Won-Top Electronics KBPC800 Datasheet HTML 3Page - Won-Top Electronics KBPC800 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBPC800 – KBPC810
1 of 4
© 2006 Won-Top Electronics
Pb
KBPC800 – KBPC810
8.0A SINGLE-PHASE BRIDGE RECTIFIER
Features
Diffused Junction
High Current Capability
H
High Case Dielectric Strength
G
High Surge Current Capability
+
~
Ideal for Printed Circuit Board Application
A
Plastic Material has UL Flammability 94V-0
E
~
-
Recognized File # E157705
E
Mechanical Data
Case: KBPC-8, Molded Plastic
D
C
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: Marked on Body
B
Weight: 5.4 grams (approx.)
A
Mounting Position: Through Hole for #6 Screw
Mounting Torque: 10 cm-kg (8.8 in-lbs) Max.
Marking: Type Number
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBPC
800
KBPC
801
KBPC
802
KBPC
804
KBPC
806
KBPC
808
KBPC
810
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TC = 50°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage per leg
@IF = 4.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
5.0
500
µA
I
2t Rating for Fusing (t<8.3ms) (Note 2)
I
2
t
127
A
2s
Typical Junction Capacitance (Note 3)
Cj
100
pF
Typical Thermal Resistance per leg (Note 1)
RθJC
7.5
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Note: 1. Mounted on metal chassis.
2. Non-repetitive, for t > 1ms and < 8.3ms.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
KBPC-8
Dim
Min
Max
A
18.54
19.56
B
6.35
7.60
C
19.00
—
D
1.27 Ø Typical
E
5.33
7.37
Hole for #6 screw
G
3.60
4.00
H
12.20
13.80
All Dimensions in mm


Similar Part No. - KBPC800

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC800 WTE-KBPC800 Datasheet
32Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC800 JGD-KBPC800 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Diotec Semiconductor
KBPC800 DIOTEC-KBPC800 Datasheet
199Kb / 2P
Silicon-Bridge Rectifiers
KBPC800 DIOTEC-KBPC800 Datasheet
126Kb / 2P
Silicon-Bridge-Rectifiers
logo
First Components Intern...
KBPC800 FCI-KBPC800 Datasheet
123Kb / 2P
8.0 Amp SINGLE PHASE SILICON BRIDGE
More results

Similar Description - KBPC800

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBU8A WTE-GBU8A_06 Datasheet
60Kb / 4P
8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A WTE-GBJ8A Datasheet
61Kb / 4P
8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBJ8A WTE-KBJ8A_06 Datasheet
76Kb / 4P
8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBPC800G WTE-KBPC800G_06 Datasheet
62Kb / 4P
8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBPC800S WTE-KBPC800S Datasheet
43Kb / 4P
8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBU800 WTE-KBU800_06 Datasheet
50Kb / 4P
8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBU800G WTE-KBU800G_06 Datasheet
52Kb / 4P
8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB805 TAITRON-TB805 Datasheet
180Kb / 4P
8.0A Single-Phase Silicon Bridge Rectifier
logo
Won-Top Electronics
KBU810 WTE-KBU810 Datasheet
44Kb / 4P
8.0A SINGLE PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
GBU8005 SMCDIODE-GBU8005 Datasheet
330Kb / 5P
Single-Phase 8.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com