Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38A Datasheet(PDF) 2 Page - EPCOS

Part # LP38A
Description  Low-Loss Filter for Multimedia Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LP38A Datasheet(HTML) 2 Page - EPCOS

  LP38A Datasheet HTML 1Page - EPCOS LP38A Datasheet HTML 2Page - EPCOS LP38A Datasheet HTML 3Page - EPCOS LP38A Datasheet HTML 4Page - EPCOS LP38A Datasheet HTML 5Page - EPCOS LP38A Datasheet HTML 6Page - EPCOS LP38A Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Nov 24, 2005
LP38A
782.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
Low-Loss Filter for Multimedia Applications
Preliminary Data
Application
s
Low loss E–GSM reject filter for DVB-T
s
Low insertion attenuation
s
Low amplitude ripple
s
Low group delay ripple
s
Passband from 702 MHz ... 862 MHz
Features
s
Package size 3.0 x 2.5 x 0.68 mm3
s
Package code QCS9A
s
RoHS compliant
s
Approx. weight 0.015 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
Pin configuration
s
6
Input
s
2
Output
s
4
To be grounded
s
1,3,5,7,8,9
Case ground, to be grounded
7,8,9
6
1,3,5
2
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com