Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # LL4148
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

LL4148 Datasheet(HTML) 2 Page - Won-Top Electronics

  LL4148 Datasheet HTML 1Page - Won-Top Electronics LL4148 Datasheet HTML 2Page - Won-Top Electronics LL4148 Datasheet HTML 3Page - Won-Top Electronics LL4148 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LL4148
2 of 4
© 2006 Won-Top Electronics
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Maximum Forward Voltage
VFM
—1.0
V
IF = 10mA
Maximum Peak Reverse Current
IRM
—
5.0
50
30
25
µA
µA
µA
nA
VR = 75V
VR = 70V, Tj = 150°C
VR = 20V, Tj = 150°C
VR = 20V
Capacitance
Cj
—4.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
—4.0
ns
IF = 10mA to IR = 1.0mA
VR = 6.0V, RL = 100




Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com