Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT5004/59 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT5004/59
Description  10 AMP 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT5004/59 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT5004/59 Datasheet HTML 1Page - Solid States Devices, Inc SFT5004/59 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES, INC.
SFT5002/SFT5004
SERIES
DATA SHEET #: TR0020C
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
VEBO
6.0
Volts
Emitter-Base Voltage
VCEO
120
Volts
Collector-Emitter Voltage
IC
10
Continuous Collector Current
Collector-Base Voltage
VCBO
150
Amps
Volts
W
W/oC
o
C/W
10 AMP
150 VOLTS
NPN HIGH SPEED
POWER TRANSISTOR
50
0.33
Thermal Resistance, Junction to Case
RΘΘΘΘΘJC
3.0
Total Device Dissipation @ TC # 25oC
Derate above 25oC
PD
IB
2
Base Current
Amps
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
PIN ASSIGNMENT
PIN 2
PIN 3
Base
PIN 1
FUNCTION
CODE
Emitter
Collector
Normal
-
SFT5002 J UB TX
SFT5004 J UB TX
Part Number /Ordering Information 1/
Screening 2/: _ = Not Screened
TX = TX Level
TXV = TXV Level
S
= Space Level
Lead Bend: 3/ _ = Straight
UB = Up Bend
DB = Down Bend
Package: 3/ J
= TO-257
/59 = TO-59
FEATURES
• BVCEO 120V min.
• Fast Switching
• High Frequency
• High Linear Gain, Low Saturation Voltage.
• Radiation Tolerant
• 200oC Operating, Gold Eutectic Die Attach.
• High Current, High Voltage Version of
2N5002 and 2N5004
Available Part Numbers:
SFT5002/59
SFT5004/59
SFT5002J
SFT5004J
SFT5002JUB
SFT5004JUB
SFT5002JDB
SFT5004JDB
o
C
Operating and Storage Temperature
TJ, TSTG
-65 to +200
TO-59 (/59)
TO-257 (J)
1
2
3
14701 Firestone Blvd. * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com


Similar Part No. - SFT5004/59

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT5004 SSDI-SFT5004 Datasheet
117Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
More results

Similar Description - SFT5004/59

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
2N5330 SSDI-2N5330 Datasheet
257Kb / 2P
30 AMP HIGH SPEED NPN TRANSISTOR 150 VOLTS
SFT6338 SSDI-SFT6338 Datasheet
51Kb / 2P
25 AMP 100 - 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
SFT502 SSDI-SFT502 Datasheet
32Kb / 2P
5 AMP 200 Volts HIGH SPEED NPN Transistor
SFT1002 SSDI-SFT1002 Datasheet
186Kb / 2P
100 AMP HIGH SPEED NPN TRANSISTOR 250 VOLTS
SFT3997 SSDI-SFT3997 Datasheet
213Kb / 2P
10 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
2N5006 SSDI-2N5006 Datasheet
89Kb / 2P
10 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
SFT5001 SSDI-SFT5001 Datasheet
210Kb / 2P
5 AMP HIGH SPEED PNP TRANSISTOR 150 VOLTS
SPT5330 SSDI-SPT5330 Datasheet
217Kb / 2P
30 AMP HIGH SPEED PNP TRANSISTOR 150 VOLTS
SFT4300 SSDI-SFT4300 Datasheet
245Kb / 2P
2 AMP 150 VOLTS NPN TRANSISTOR
XN0029E SSDI-XN0029E Datasheet
79Kb / 2P
2 AMP, 150 Volts NPN Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com