Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5502 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPT5502
Description  1 AMP HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPT5502 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPT5502 Datasheet HTML 1Page - Solid States Devices, Inc SPT5502 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES, INC.
SPT5502
SPT5503
FEATURES:
DATA SHEET #:
TR0026B
MAXIMUM RATINGS
VCB
V
VEB
Emitter - Base Voltage
Collector - Emitter Voltage
VCER
V
V
• BVCBO to 800V
• Fast Switching: tD = 100ns max.
• Good Safe Operating Area
• Linear Gain from 50mA to 1.0 A.
• TX, TXV and Space Level screening available
TO-5
1 AMP
HIGH VOLTAGE / HIGH SPEED
NPN TRANSISTOR
Total Device Dissipation
Derate above TC = 25
oC
PD
IC
Collector Current
A
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
SYMBOL
SPT5503
UNIT
PACKAGE OUTLINE: TO-5
PIN 1:
EMITTER
PIN 2:
BASE
PIN 3:
COLLECTOR/CASE
TOP & TSTG
oC
Operating and Storage Temperature
RΘ
Θ
Θ
Θ
ΘJC
oC/W
Thermal Resistance
6.0
34.3
-65 to +200
29
800
10
800
1.0
Collector - Base Voltage
W
mW/oC
TC = 25
oC
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPT5502
700
700
IB
Base Current Current
A
0.5


Similar Part No. - SPT5502

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPT5502 SSDI-SPT5502 Datasheet
112Kb / 3P
HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
SPT5502 SSDI-SPT5502_1 Datasheet
112Kb / 3P
HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
More results

Similar Description - SPT5502

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
2N5338 SSDI-2N5338 Datasheet
282Kb / 6P
5 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
SFT5666-39 SSDI-SFT5666-39 Datasheet
43Kb / 2P
5 AMP 180 VOLTS HIGH SPEED NPN TRANSISTOR
SFT502 SSDI-SFT502 Datasheet
32Kb / 2P
5 AMP 200 Volts HIGH SPEED NPN Transistor
SFT1002 SSDI-SFT1002 Datasheet
186Kb / 2P
100 AMP HIGH SPEED NPN TRANSISTOR 250 VOLTS
2N5095 SSDI-2N5095 Datasheet
218Kb / 2P
1 AMP HIGH VOLTAGE NPN TRANSISTOR 500-600 VOLTS
2N5152 SSDI-2N5152 Datasheet
223Kb / 2P
5 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
2N4300 SSDI-2N4300 Datasheet
215Kb / 2P
2 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
SPT5502 SSDI-SPT5502_1 Datasheet
112Kb / 3P
HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
TR0118A SSDI-TR0118A Datasheet
154Kb / 3P
1 AMP High Voltage NPN Transistor 500-600 Volts
TR0026C SSDI-TR0026C Datasheet
112Kb / 3P
HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com