Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT6233 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPT6233
Description  5 AMP 250 - 350 Volts NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPT6233 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPT6233 Datasheet HTML 1Page - Solid States Devices, Inc SPT6233 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SPT6233 __ __ __ __
SPT6234 __ __ __ __
SPT6235 __ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screen
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
│
└ Lead Bend 3/ 4/ __ = Straight Leads
UB = Up Bend
DB = Down Bend
│
│
│
└ Pin Out Configuration 5/ __ = Normal
R = Optional
└ Package 3/ /66 = TO-66
M = TO-254
J = TO-257
SPT6233 – SPT6235
Series
5 AMP
250 – 350 Volts
NPN Transistor
Features:
• Switching Power Transistor
• Isolated and Non-isolated Packages Available
• High Power Dissipation: Up to 50W
• Rugged SOA
• Also Available in TO-39, TO-111, and Isolated
TO-59, Consult Factory
• Replacement for 2N6233 through 2N6235
• TX, TXV, S-Level Screening Available
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
SPT6233
SPT6234
SPT6235
VCEO
225
275
325
Volts
Collector – Base Voltage
SPT6233
SPT6234
SPT6235
VCBO
250
300
350
Volts
Emitter – Base Voltage
VCBO
6
Volts
Continuous Collector Current
IC
5
Amps
Power Dissipation @ TC = 25ºC
TO-66 (/66)
TO-254 (M)
TO-257 (J)
PD
50
39
33
W
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case
TO-66 (/66)
TO-254 (M)
TO-257 (J)
RθJC
3.2
4.5
5.3
ºC/W
TO-66 (/66)
TO-257 (J)
TO-254 (M)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0029C
1
3
2


Similar Part No. - SPT6233

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SPT6.3X32 SCHURTER-SPT6.3X32 Datasheet
256Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
logo
Solid State Optronic
SPT601 SSOUSA-SPT601 Datasheet
211Kb / 5P
DC Input PhotoSCR
logo
Solid States Devices, I...
SPT6060-3 SSDI-SPT6060-3 Datasheet
26Kb / 2P
20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SPT6060/3 SSDI-SPT6060/3 Datasheet
26Kb / 2P
20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SPT6502 SSDI-SPT6502 Datasheet
198Kb / 2P
HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
More results

Similar Description - SPT6233

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
2N5338 SSDI-2N5338 Datasheet
282Kb / 6P
5 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
SFT10000-3 SSDI-SFT10000-3 Datasheet
58Kb / 2P
20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SPT6060-3 SSDI-SPT6060-3 Datasheet
26Kb / 2P
20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SFT5666-39 SSDI-SFT5666-39 Datasheet
43Kb / 2P
5 AMP 180 VOLTS HIGH SPEED NPN TRANSISTOR
SFT502 SSDI-SFT502 Datasheet
32Kb / 2P
5 AMP 200 Volts HIGH SPEED NPN Transistor
SFT6800-59 SSDI-SFT6800-59 Datasheet
105Kb / 2P
2 AMP 500 VOLTS NPN TRANSISTOR
SFT1002 SSDI-SFT1002 Datasheet
186Kb / 2P
100 AMP HIGH SPEED NPN TRANSISTOR 250 VOLTS
2N5152 SSDI-2N5152 Datasheet
223Kb / 2P
5 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
SFD5390 SSDI-SFD5390 Datasheet
222Kb / 2P
5 AMP NPN DRARLINGTON TRANSISTOR 120 VOLTS
SFT1016 SSDI-SFT1016 Datasheet
198Kb / 2P
100 amp HIGH ENERGY NPN TRANSISTORS 350 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com