Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT6235 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPT6235
Description  5 AMP 250 - 350 Volts NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPT6235 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPT6235 Datasheet HTML 1Page - Solid States Devices, Inc SPT6235 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPT6233 – SPT6235
Series
Electrical Characteristics 6/
Symbol
Min
Typ
Max
Units
Collector – Emitter Sustaining Voltage
(IC = 20 mA)
SPT6233
SPT6234
SPT6235
BVCEO
225
275
325
––
––
––
––
––
––
Volts
Emitter – Cutoff Current
VBE = 6 V
IEBO
––
––
100
uA
Collector – Cutoff Current
SPT6233, VCB = 250 V
SPT6234, VCB = 300 V
SPT6235, VCB = 350 V
ICBO
––
––
100
uA
Collector – Cutoff Current
SPT6233, VCE = 225 V
SPT6234, VCE = 275 V
SPT6235, VCE = 325 V
ICEO
––
––
1.0
mA
Collector – Cutoff Current
(VBE = -1.5 V, Tc = 150 ºC )
SPT6233, VCE = 250 V
SPT6234, VCE = 300 V
SPT6235, VCE = 350 V
ICEX
––
––
1.0
mA
DC Forward Current Transfer Ratio *
VCE = 5V, IC = 0.1A
VCE = 5V, IC = 1A
VCE = 5V, IC = 3A
hFE
25
15
10
––
––
––
––
125
––
––
Collector – Emitter Saturation Voltage *
IC = 5A, IB = 1A
IC = 1.0A, IB = 0.1A
VCE(SAT)
––
––
––
––
2.5
0.5
Volts
Base – Emitter Saturation Voltage *
IC = 5A, IB = 1A
IC = 1.0A, IB = 0.1A
VBE(SAT)
––
––
––
––
2.0
1.0
Volts
Base – Emitter On Voltage *
IC = 1A, Vce = 5 V
VBE(ON)
––
––
1.0
Volts
Safe Operating Area
(tp = 1 sec )
VCE = 10V
VCE = 45V
SOA
5.0
1.0
––
––
––
––
Amp
Frequency Transition
VCE = 10V, IC = 0.25A
fT
20
––
––
MHz
Output Capacitance
VCE = 10V, f = 1MHz
cob
––
––
250
pF
Rise Time
(V
CC = 200V, IC = 1.0A, IB1 = 0.1A)
tr
––
0.5
0.75
µsec
Storage Time
(V
CC = 200V, IC = 1.0A, IB1 = IB2 = 0.1A)
tS
––
3.5
5.0
µsec
Fall Time
(V
CC = 200V, IC = 1.0A, IB1 = IB2 = 0.1A)
tf
––
0.5
0.8
µsec
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Up and Down Bend Configurations are Available for ‘M’ (TO-254) and ‘J’ (TO-
257) Packages Only.
5/ Optional Pin Out Configurations are Available for ‘M’ (TO-254) and ‘J’ (TO-257)
Packages Only.
6/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Available Part Numbers:
SPT6233/66; SPT6233M; SPT6233J; SPT6233MR; SPT6233JR
SPT6234/66; SPT6234M; SPT6234J; SPT6234MR; SPT6234JR
SPT6235/66; SPT6235M; SPT6235J; SPT6235MR; SPT6235JR
PIN ASSIGNMENT (Standard)
Package
Collector
Emitter
Base
TO-66 (/66)
Case (1)
Pin 2
Pin 3
TO-254 (M)
Pin 1
Pin 2
Pin 3
TO-257 (J)
Pin 1
Pin 2
Pin 3
PIN ASSIGNMENT (Optional)
Package
Collector
Emitter
Base
TO-254 (MR)
Pin 2
Pin 3
Pin 1
TO-257 (JR)
Pin 2
Pin 3
Pin 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com