Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5013 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # 2N5013
Description  0.5 AMP 800 - 1000 Volts NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

2N5013 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  2N5013 Datasheet HTML 1Page - Solid States Devices, Inc 2N5013 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
2N5013 thru 2N5015
Electrical Characteristic
1/
Symbol
Min
Max
Units
Collector – Emitter Breakdown Voltage
(IC = 200µADC, RBE = 1KΩ)
2N5013
2N5014
2N5015
BVCER
800
900
1000
––
V
Collector–Base Breakdown Voltage
(IC = 200µADC)
2N5013
2N5014
2N5015
BVCBO
800
900
1000
––
V
Emitter–Base Breakdown Voltage
(IE = 50µADC)
BVEBO
5
––
V
Collector Cutoff Current
(TC = 100°)
VCB = 650V (2N5013)
VCB = 700V (2N5014)
VCB = 750V (2N5015)
VCB = 650V (2N5013)
VCB = 700V (2N5014)
VCB = 750V (2N5015)
ICBO
––
––
––
––
––
––
12
12
12
100
100
100
µAdc
DC Current Gain 2/
(IC = 5mADC, VCE = 10VDC)
(IC = 20mADC, VCE = 10VDC)
hFE
10
30
180
––
Collector – Emitter Saturation Voltage 2/
(IC = 20mADC, IB = 5mADC)
2N5013
2N5014
2N5015
VCE(Sat)
––
––
1.6
1.6
1.8
Vdc
Base – Emitter Saturation Voltage 2/
(IC = 20mADC, IB = 5mADC)
VBE(Sat)
––
1.0
Vdc
Current Gain Bandwidth Product
(IC = 20mADC, VCE = 10VDC, f = 1 – 20MHz)
fT
20
––
MHz
Output Capacitance
(VCB = 10VDC, IE = 0ADC, f = 1.0MHz)
Cob
––
30
pF
Delay Time
td
––
200
nsec
Rise Time
tr
––
1200
nsec
Storage Time
ts
––
3.0
µsec
Fall Time
VCC = 125VDC,
IC = 100mADC,
IB1 = 20mADC,
IB2 = 20mADC
tf
––
800
nsec
NOTES:
1/
Unless Otherwise Specified: All Tests @25ºC
2/
Pulse Test: Pulse Width = 300 µS, Duty Cycle = 2%
For thermal derating curves and other characteristic curves please contact SSDI Marketing Department.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com