Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6115D435 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6115D435
Description  CMOS Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6115D435 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6115D435 Datasheet HTML 15Page - Torex Semiconductor XC6115D435 Datasheet HTML 16Page - Torex Semiconductor XC6115D435 Datasheet HTML 17Page - Torex Semiconductor XC6115D435 Datasheet HTML 18Page - Torex Semiconductor XC6115D435 Datasheet HTML 19Page - Torex Semiconductor XC6115D435 Datasheet HTML 20Page - Torex Semiconductor XC6115D435 Datasheet HTML 21Page - Torex Semiconductor XC6115D435 Datasheet HTML 22Page - Torex Semiconductor XC6115D435 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19/26
XC6101 ~ XC6107, XC6111~ XC6117
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS
(1.1) Supply Current vs. Input Voltage
* ‘X’ represents both ‘0’ and ‘1’. (ex. XC61X1⇒XC6101 and XC6111)
(1.2) Supply Current vs. Input Voltage
0
5
10
15
20
25
30
012
3456
Input Voltage: VIN (V)
XC61X1~XC61X5 (1.6V)
Ta=85℃
Ta=-40℃
Ta=25℃
0
5
10
15
20
25
30
0123456
Input Voltage: VIN (V)
XC61X1~XC61X5 (2.7V)
Ta=85℃
Ta=-40℃
Ta=25℃
0
5
10
15
20
25
30
012
3
456
Input Voltage: VIN (V)
Ta=85℃
Ta=-40℃
Ta=25℃
XC61X1~XC61X5 (5.0V)
0
5
10
15
20
25
30
01
23
45
6
Input Voltage: VIN (V)
XC61X6~XC61X7 (1.6V)
Ta=85℃
Ta=-40℃
Ta=25℃
0
5
10
15
20
25
30
012
3456
Input Voltage: VIN (V)
XC61X6~XC61X7 (2.7V)
Ta=85℃
Ta=-40℃
Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com