Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOCSPPER005CSC Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AOCSPPER005CSC
Description  Active Optical Cable SFP to SFP, 10G, 1 to 20 Meters Riser Rated (OFNR), Coded for Various Platforms
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AOCSPPER005CSC Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AOCSPPER005CSC Datasheet HTML 1Page - Infinite Electronics International, Inc. AOCSPPER005CSC Datasheet HTML 2Page - Infinite Electronics International, Inc. AOCSPPER005CSC Datasheet HTML 3Page - Infinite Electronics International, Inc. AOCSPPER005CSC Datasheet HTML 4Page - Infinite Electronics International, Inc. AOCSPPER005CSC Datasheet HTML 5Page - Infinite Electronics International, Inc. AOCSPPER005CSC Datasheet HTML 6Page - Infinite Electronics International, Inc. AOCSPPER005CSC Datasheet HTML 7Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
AOC-SPP-ER-RRR-PPP REV 1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Active Optical Cable SFP+ to SFP+, 10G, 1 to 20 Meters
Riser Rated (OFNR), Coded for Various Platforms
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
AOC-SPP-ER-RRR-PPP
Features
• Operating Data Rates up to 10G
• Distance Range from 1 Meter to 20 Meters (additional standard
and custom lengths are available)
• Hot Pluggable SFP+
• Simplifies Patching and Offers a Cost-effective approach for
Short Links
• Standard Temperature Range (available in Industrial Operating
Temperatures)
• 100% compatible with other OEM and third-party Active Optical
Cables
Applications
• Telecommunication Service Providers
• Metro Ethernet
• Intra-rack and across rack interconnect
• Transport Networks
• Switch and router high speed
• backplane interconnect
• High-performance computing clusters
Description
The L-com AOC-SPP-ER-RRR-PPP series is a 10G SFP+ to SFP+ Active Optical Cable (AOC), that is factory pre-programmed
with all the necessary configuration data for seamless network integration and digital diagnostics for performance monitor-
ing. The L-com AOC-SPP-ER-RRR-PPP Active Optical Cable series is designed, programmed and tested to perform identi-
cally to and is 100% compatible with other OEM and third-party Active Optical Cables. The L-com’s AOC-SPP-ER-RRR-PPP
Active Optical Cable series has been manufactured with riser rated (OFNR) cable in lengths from 1 meter to 20 meters (addi-
tional standard and custom lengths are available) of reach at a center wavelength of 850 nm. The L-com AOC-SPP-ER-RRR-PPP
Active Optical Cable series is tested for 100% functionality and guaranteed compatible for outstanding network performance.
L-com offers all brands and form factors of Active Optical Cables, optical transceivers and cabling for all your networking needs. Now you
have a reliable, compatible and affordable means to expand your network while maintaining its integrity. Contact our technical support
and sales staff with your questions on fiber optic connectivity or other L-com products.
Configuration
Module Form Factor
SFP+
Maximum Data Rate
10Gbps
Manufacturer Compatibility
Various Platforms, See Table
Distance
1 to 20 m
Jacket Burn Rating
OFNR
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Center Wavelength
850
nm
Supply Voltage (VccT, VccR)
3.14
3.3
3.46
V
Supply Current (Icc)
300
mA
Transmitter Differential Input Swing (Vin,pp)
180
1,000
mVpp
Transmitter Input Voltage Tolerance (VinT)
-0.3
4
V
AOC-SPP-ER-RRR-PPP


Similar Part No. - AOCSPPER005CSC

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AOCSPPER005ARI L-COM-AOCSPPER005ARI Datasheet
927Kb / 7P
Active Optical Cable SFP to SFP, 10G, 1 to 20 Meters Riser Rated (OFNR), Coded for Various Platforms
AOCSPPER005BFO L-COM-AOCSPPER005BFO Datasheet
927Kb / 7P
Active Optical Cable SFP to SFP, 10G, 1 to 20 Meters Riser Rated (OFNR), Coded for Various Platforms
AOCSPPER005DLL L-COM-AOCSPPER005DLL Datasheet
927Kb / 7P
Active Optical Cable SFP to SFP, 10G, 1 to 20 Meters Riser Rated (OFNR), Coded for Various Platforms
AOCSPPER005HPP L-COM-AOCSPPER005HPP Datasheet
927Kb / 7P
Active Optical Cable SFP to SFP, 10G, 1 to 20 Meters Riser Rated (OFNR), Coded for Various Platforms
AOCSPPER005JUN L-COM-AOCSPPER005JUN Datasheet
927Kb / 7P
Active Optical Cable SFP to SFP, 10G, 1 to 20 Meters Riser Rated (OFNR), Coded for Various Platforms
More results

Similar Description - AOCSPPER005CSC

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SFP-10G-AOC10M-C ATGBICS-SFP-10G-AOC10M-C Datasheet
397Kb / 6P
SFP-10G-AOC10M Cisco Compatible Active Optical Cable 10G SFP (10m)
SFP-10G-AOC15M-C ATGBICS-SFP-10G-AOC15M-C Datasheet
397Kb / 6P
SFP-10G-AOC15M Cisco Compatible Active Optical Cable 10G SFP (15m)
SFP-10G-AOC1M-C ATGBICS-SFP-10G-AOC1M-C Datasheet
397Kb / 6P
SFP-10G-AOC1M Cisco Compatible Active Optical Cable 10G SFP (1m)
SFP-10G-AOC20M-C ATGBICS-SFP-10G-AOC20M-C Datasheet
397Kb / 6P
SFP-10G-AOC20M Cisco Compatible Active Optical Cable 10G SFP (20m)
SFP-10G-AOC25M-C ATGBICS-SFP-10G-AOC25M-C Datasheet
397Kb / 6P
SFP-10G-AOC25M Cisco Compatible Active Optical Cable 10G SFP (25m)
SFP-10G-AOC2M-C ATGBICS-SFP-10G-AOC2M-C Datasheet
397Kb / 6P
SFP-10G-AOC2M Cisco Compatible Active Optical Cable 10G SFP (2m)
SFP-10G-AOC30M-C ATGBICS-SFP-10G-AOC30M-C Datasheet
397Kb / 6P
SFP-10G-AOC30M Cisco Compatible Active Optical Cable 10G SFP (30m)
SFP-10G-AOC3M-C ATGBICS-SFP-10G-AOC3M-C Datasheet
397Kb / 6P
SFP-10G-AOC3M Cisco Compatible Active Optical Cable 10G SFP (3m)
SFP-10G-AOC5M-C ATGBICS-SFP-10G-AOC5M-C Datasheet
397Kb / 6P
SFP-10G-AOC5M Cisco Compatible Active Optical Cable 10G SFP (5m)
SFP-10G-AOC7M-C ATGBICS-SFP-10G-AOC7M-C Datasheet
398Kb / 6P
SFP-10G-AOC7M Cisco Compatible Active Optical Cable 10G SFP (7m)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com