Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-050AH Datasheet(PDF) 2 Page - CUI Devices

Part # PJ-050AH
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-050AH Datasheet(HTML) 2 Page - CUI Devices

  PJ-050AH Datasheet HTML 1Page - CUI Devices PJ-050AH Datasheet HTML 2Page - CUI Devices PJ-050AH Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
units: mm
tolerance:
X.X ±0.20 mm
X.XX ±0.15 mm
X.XXX ±0.10 mm
PCB: ±0.05 mm
unless otherwise specified
SCHEMATIC
Model
PJ-050AH
Center Pin
Ø2.0 mm
MATING PLUG
Jack Insertion Depth: 9.6 mm
Recommended PCB Layout
Top View
CUI DEVICES | MODEL: PJ-050AH | DESCRIPTION: DC POWER JACK
date 12/07/2022 | page 2 of 3
cuidevices.com
MECHANICAL DRAWING
DESCRIPTION
MATERIAL
PLATING/COLOR
center pin
copper alloy(H65)
nickel
terminal 1
C2680 t=0.35 mm
nickel-tin
terminal 2
C5210 t=0.25 mm
nickel-tin
terminal 3
C2680 t=0.30 mm
nickel-tin
housing
PA9T (UL94V-0)
black
cover
PA9T (UL94V-0)
black
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com