Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB9080 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAB9080
Description  NTSC Picture-In-Picture PIP controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9080 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAB9080 Datasheet HTML 9Page - NXP Semiconductors SAB9080 Datasheet HTML 10Page - NXP Semiconductors SAB9080 Datasheet HTML 11Page - NXP Semiconductors SAB9080 Datasheet HTML 12Page - NXP Semiconductors SAB9080 Datasheet HTML 13Page - NXP Semiconductors SAB9080 Datasheet HTML 14Page - NXP Semiconductors SAB9080 Datasheet HTML 15Page - NXP Semiconductors SAB9080 Datasheet HTML 16Page - NXP Semiconductors SAB9080 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1999 Nov 12
13
Philips Semiconductors
Preliminary specification
NTSC Picture-In-Picture (PIP) controller
SAB9080
ANALOG CHARACTERISTICS
VDDA = 3.3 V; VDDD = 3.3 V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDA
positive supply voltage
3.0
3.3
3.6
V
VSSA
ground voltage
−
0
−
V
∆V
DDA(max)
maximum DC difference
between supply voltages
−
0
100
mV
∆VSSA(max)
maximum DC difference
between ground voltages
−
0
100
mV
IDDD(q)
quiescent current of digital
supply voltages
note 1
−
050
µA
IDDA(DP)
display PLL supply current
−
0.4
−
mA
IDDA(SP)
sub-PLL supply current
−
0.4
−
mA
IDDA(MA)
main ADCs supply current
note 2
60
70
90
mA
IDDA(SA)
sub-ADCs supply current
note 2
60
70
90
mA
IDDA(DA)
DACs supply current
8
10
12
mA
IDDA(MF)
main buffers supply current
4
6
9
mA
IDDA(SF)
sub-buffers supply current
4
6
9
mA
IDDA(tot)
total analog supply current
note 2
140
165
210
mA
IDDD(tot)
total digital supply current
−
50
−
mA
Analog-to-digital converter and clamping
Vref(T)
top reference voltage
note 3
2.70
2.82
2.95
V
Vref(B)
bottom reference voltage
note 3
0.95
1.07
1.20
V
ViY(p-p)
Y input signal amplitude
(peak-to-peak value)
note 4
−
1.00
1.04
V
Vi(V)(p-p)
V input signal amplitude
(peak-to-peak value)
note 4
−
1.05
1.10
V
Vi(U)(p-p)
U input signal amplitude
(peak-to-peak value)
note 4
−
1.33
1.38
V
Ii
input current
clamping off
−
0.1
−µA
clamping on
−
55
−µA
Ci
input capacitance
−
5
−
pF
fsample
sample frequency
note 5
−
1792
× fHSYNC
−
kHz
RES
resolution
8
8
8
bit
DNL
differential non-linearity
−1.4
−
+1.4
LSB
INL
integral non-linearity
−2.0
−
+2.0
LSB
α
cs
channel separation
−
48
−
dB
Vclamp(Y)
Y clamping voltage level
note 6
1.25
1.34
1.45
V
Vclamp(U,V)
U/V clamping voltage level
note 7
1.80
1.93
2.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com