Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT2X30D40J Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # APT2X30D40J
Description  Ultrafast Soft Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APT2X30D40J Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  APT2X30D40J Datasheet HTML 1Page - Inchange Semiconductor Company Limited APT2X30D40J Datasheet HTML 2Page - Inchange Semiconductor Company Limited APT2X30D40J Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ultrafast Soft Recovery Diode
APT2X30D40J
www.iscsemi.com
1
FEATURES
· Low forward voltage drop
· Low Leakage Current
· Ultrafast recovery time
APPLICATIONS
· Switch mode Power Supply
· Inverters
· Motor Controllers
· Converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
400
V
IF(AV)
Average Rectified Forward Current
Duty Cycle=0.5, TC = 114°C
30
A
IFSM
Non-repetitive Peak Surge Current
TJ = 45 °C, tp = 8.3 ms
320
A
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.21
℃
/W


Similar Part No. - APT2X30D40J

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT2X30D40J ADPOW-APT2X30D40J Datasheet
67Kb / 4P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
More results

Similar Description - APT2X30D40J

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA280NJ60D IRF-HFA280NJ60D Datasheet
224Kb / 5P
Ultrafast, Soft Recovery Diode
HFA140MD60D IRF-HFA140MD60D Datasheet
286Kb / 5P
Ultrafast, Soft Recovery Diode
HFA140NH60 IRF-HFA140NH60 Datasheet
320Kb / 5P
Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
Ultrafast, Soft Recovery Diode
HFA04TB60SPBF IRF-HFA04TB60SPBF Datasheet
240Kb / 7P
ULTRAFAST, SOFT RECOVERY DIODE
HFB16HY20CC IRF-HFB16HY20CC Datasheet
123Kb / 5P
Ultrafast, Soft Recovery Diode
HFA15PB60PBF IRF-HFA15PB60PBF Datasheet
216Kb / 6P
Ultrafast, Soft Recovery Diode
HFA06TB120PBF IRF-HFA06TB120PBF Datasheet
166Kb / 7P
Ultrafast, Soft Recovery Diode
HFA16TA60CPBF IRF-HFA16TA60CPBF Datasheet
194Kb / 6P
Ultrafast, Soft Recovery Diode
HFA04TB60PBF IRF-HFA04TB60PBF Datasheet
185Kb / 6P
Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com