Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT5094/5 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT5094/5
Description  1 AMP, 500 Volts High Voltage PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT5094/5 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT5094/5 Datasheet HTML 1Page - Solid States Devices, Inc SFT5094/5 Datasheet HTML 2Page - Solid States Devices, Inc SFT5094/5 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT5094-4, SFT5094/5, SFT5094G
And
SFT5096-4, SFT5096/5, SFT5096G
Electrical Characteristics
4/
Symbol
Min
Max
Units
(IC = 50 mA)
BVCEO
SFT5094
400
SFT5096
450
––
Collector – Emitter Breakdown
Voltage *
(IC = 100 µA, RBE = 1k Ω)
BVCER
450
500
––
Volts
Collector – Base Breakdown Voltage *
(IC = 100 µA)
BVCBO
450
500
––
Volts
Emitter – Base Breakdown Voltage
(IE = 50 µA)
BVEBO
6
––
Volts
Collector Cutoff Current
(VCB = Rated, TA = 25°C)
(VCB = Rated, TA = 100°C)
ICBO1
ICBO2
––
––
1.0
50
µA
Emitter Cutoff Current
(VEB = 6 V)
IEBO
––
1.0
µA
DC Current Gain *
(IC = 1 mA, VCE = 10 V)
(IC = 25 mA, VCE = 10 V)
(IC = 100 mA, VCE = 10 V)
HFE
20
40
20
250
300
250
Collector-Emitter Saturation Voltage *
(IC = 25 mA, IB = 2.5 mA)
VCE (SAT)
––
500
mV
Base-Emitter Saturation Voltage
(IC = 25 mA, IB = 2.5 mA)
VBE (SAT)
––
1.0
Volts
Current Gain Bandwidth Product *
(IC = 10 mA, VCE = 10 V, f = 10 MHz)
fT
25
––
MHz
Output Capacitance
VCB = 20 V, IE = 0 A, f = 1.0MHz
Cob
––
10
pF
Turn on Delay Time
Rise Time
Storage Time
Fall Time
VCC= 100 V
IC= 100 mA
IB1 = IB2 = 10 mA
Td
Tr
Ts
tf
––
––
––
––
500
1200
2.0
500
ns
ns
µs
ns
Notes: * Pulse Test: Pulse Width = 300
µs. Duty Cycle = 2%.
1/ For Ordering Information, Price, Operating Curves, and Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ For Package Outlines, See Figure 1.
4/ Unless Otherwise Specified, Maximum Ratings/Electrical Characteristics at 25°C.
PIN ASSIGNMENT (Standard)
Package
Collector
Emitter
Base
4 Pin CLCC (-4)
Pin 1
Pin 2
Pin 3
TO-5 (/5)
Pin 3
Pin 1
Pin 2
CERPACK (G)
CASE
Pin 1
Pin 2
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0081B
DOC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com