Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS4410ZPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFS4410ZPBF
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4410ZPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFS4410ZPBF Datasheet HTML 3Page - International Rectifier IRFS4410ZPBF Datasheet HTML 4Page - International Rectifier IRFS4410ZPBF Datasheet HTML 5Page - International Rectifier IRFS4410ZPBF Datasheet HTML 6Page - International Rectifier IRFS4410ZPBF Datasheet HTML 7Page - International Rectifier IRFS4410ZPBF Datasheet HTML 8Page - International Rectifier IRFS4410ZPBF Datasheet HTML 9Page - International Rectifier IRFS4410ZPBF Datasheet HTML 10Page - International Rectifier IRFS4410ZPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRF/B/S/SL4410ZPbF
8
www.irf.com
TO-220AB packages are not recommended for Surface Mount Application.
TO-220AB Part Marking Information
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
/27&2'(
(;$03/( 7+,6,6$1,5)
1RWH 3 LQ DVVHPEO\OLQH SRVLWLRQ
LQGLFDWHV /HDG )UHH
,17+( $66(0%/</,1(&
$66(0%/('21 ::
,17(51$7,21$/
3$57 180%(5
5(&7,),(5
/27&2'(
$66(0%/<
/2*2
<($5

'$7(&2'(
:((. 
/,1( &
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/pkhexfet.html



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com