Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT6650/3 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT6650/3
Description  10 AMP / 80 Volts 50 MHz PNP POWER DARLINGTON BIPOLAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT6650/3 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT6650/3 Datasheet HTML 1Page - Solid States Devices, Inc SFT6650/3 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0089A
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT6650/3
Electrical Characteristics
4/
Symbol
Min
Typ
Max Units
Collector to Emitter Sustaining Voltage
IC = 200mA
BVCEO
80
––
––
V
Collector – Emitter Breakdown Voltage
IC = 200 mA; RBB= 100
Ω BV
CER
80
––
––
Volts
Collector Base Cutoff Current
VCB = 80 V
ICBO
––
––
1.0
mA
Collector Emitter Cutoff Current
VCE = 80 V
ICEO
––
0.001
1.0
mA
Collector Emitter Cutoff Current
VCE = 80 V, VBE= 1.5 V
ICEX
––
––
0.3
mA
Emitter Base Cutoff Current
VEB = 5.0 V
IEBO
––
0.001
10
mA
DC Forward Current Transfer Ratio *
VCE = 3V, IC = 1 A
VCE = 3V, IC = 5 A
VCE = 3V, IC = 10 A
HFE1
HFE2
HFE3
300
1000
100
7,000
9,000
1500
––
20,000
––
Collector to Emitter Saturation Voltage
IC = 5 A, IB = 10 mA
IC = 10 A, IB = 100 mA
VCE(sat)1
VCE(sat)2
––
––
1.4
2.2
2.0
3.0
V
Base to Emitter Voltage
IC = 5 A, VCE = 3V
IC = 10 A, VCE = 3V
VBE(on)1
VBE(on)2
––
––
2.0
2.8
2.8
4.5
V
Frequency Transition
(Small Signal Current Gain) @ f= 1 MHz
VCE=5V, IC = 1 A, f= 1 MHz
hfe
50
350
400
Output Capacitance
VCB = 10V, f = 1MHz
Cobo
––
100
300
pF
Switching characteristics
VCC = 30V, IC = 5 A,
IB1 =IB2 = 20 mA
ton
toff
––
0.5
2.0
2.5
10
µs
Safe Operating Area
TC= 25ºC, 1 cycle, 1 sec
VCE = 8.5V, IC = 10 A
VCE = 25V, IC = 3.4 A
VCE = 80V, IC = 0.14 A
SOA1
SOA2
SOA3
NOTES:
* Pulse Test: Pulse Width = 300
µsec, Duty Cycle = 2%.
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500.
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25
oC.
Available Part Numbers:
Consult Factory
PIN ASSIGNMENT
Package
Collector
Emitter
Base
TO-3
Case
Pin 2
Pin 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com