Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-E/SN Datasheet(PDF) 28 Page - Microchip Technology

Part # 24CSM01-E/SN
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-E/SN Datasheet(HTML) 28 Page - Microchip Technology

Back Button 24CSM01-E/SN Datasheet HTML 24Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 25Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 26Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 27Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 28Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 29Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 30Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 31Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
24CSM01
DS20006781B
-page 28
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
9.5
Locking the Configuration
Register
The locking mechanism of the Configuration register is
controlled through the LOCK bit. The data of the
confirmation byte depends on the value being written to
the LOCK bit. If the user intends to lock the
Configuration register (LOCK = ‘1’), the confirmation
byte must be 99h. If the user intends to leave the
register unlocked (LOCK = ‘0’), the confirmation byte
must be 66h. A mismatch of the LOCK bit and the
confirmation byte will cause the operation to abort.
Refer to Table 9-4 for additional information on the
confirmation byte and the LOCK bit. Figure 9-3
illustrates the Configuration register lock sequence.
FIGURE 9-3:
CONFIGURATION REGISTER LOCK SEQUENCE
Note:
Once the Configuration register has been
locked, it cannot be unlocked.
Note:
Locking the Configuration register cannot
be inhibited by asserting the Write-Protect
pin.
Refer
to
Section 6.6
“Write
Protection”, which describes the device
behavior with respect to the Write-Protect
pin status.
SCL
MSb
MSb
MSb
SDA
123
45
6
7
8
9
12
3
4
5
6
7
8
9
1
2
3
45
6
7
8
9
Word Address – Byte 1
Word Address – Byte 0
Device Address Byte
1
011
0
0
1
xx
x1
0
x
x
0
x
x
xx
x
x
0
xx
A2 A1 x
ACK
from
Client
ACK
from
Client
ACK
from
Client
Start by
Host
MSb
MSb
MSb
1
2
3
4
5
6
78
9
1
2
3
45
6
7
8
9
1
2
3
456
7
8
9
CR Lock
Configuration Register
Configuration Register
xx
x
x
0
1
D7 D6 D5 D4 D3 D2 D1 D0 01 0 0
1
1
0
0
01
xx D9
ACK
from
Client
ACK
from
Client
ACK
from
Client
Stop by
Host
Confirmation Byte
Byte 1
Byte 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com