Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01T-E/ST Datasheet(PDF) 14 Page - Microchip Technology

Part # 24CSM01T-E/ST
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01T-E/ST Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24CSM01T-E/ST Datasheet HTML 10Page - Microchip Technology 24CSM01T-E/ST Datasheet HTML 11Page - Microchip Technology 24CSM01T-E/ST Datasheet HTML 12Page - Microchip Technology 24CSM01T-E/ST Datasheet HTML 13Page - Microchip Technology 24CSM01T-E/ST Datasheet HTML 14Page - Microchip Technology 24CSM01T-E/ST Datasheet HTML 15Page - Microchip Technology 24CSM01T-E/ST Datasheet HTML 16Page - Microchip Technology 24CSM01T-E/ST Datasheet HTML 17Page - Microchip Technology 24CSM01T-E/ST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
24CSM01
DS20006781B
-page 14
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
6.0
WRITE OPERATIONS
All write operations for the 24CSM01 begin with the
host sending a Start condition followed by a device
address byte with the R/W bit set to a logic ‘0’ and then
by the word address bytes. The data value(s) to be
written to the device immediately follow the word
address bytes.
6.1
Byte Write
The 24CSM01 supports the writing of a single 8-bit
byte. Selecting a data byte in the 24CSM01 requires a
17-bit word address.
Upon receipt of the proper device address and the
word address bytes, the EEPROM will send an
Acknowledge. The device will then be ready to receive
the 8-bit data byte. Following the receipt of the data
byte, the EEPROM will respond with an Acknowledge.
The addressing device, such as a host, must then
terminate the write operation with a Stop condition. At
that time, the EEPROM will enter an internally
self-timed write cycle, which will be completed within
TWC, while the data byte is being programmed into the
nonvolatile EEPROM. All inputs are disabled during
this write cycle and the EEPROM will not respond until
the write operation is complete.
If an attempt is made to write to a write-protected
portion of the array, no data will be written and the
device will immediately accept a new command.
FIGURE 6-1:
BYTE WRITE
SCL
13
4
5
6
7
8
29
MSb
13
4
5
6
7
8
29
11
0
A2
A1 A16
0
0
A15 A14
A12 A11 A10 A9
A8
0
A13
0
SDA
MSb
1
3
45
67
8
29
1
3
45
67
8
29
MSb
A7
A5
A4
A3
A2
A1 A0
A6
D7
D6
D4
D3 D2
D1 D0
0
D5
0
MSb
Device Address Byte
Word Address – Byte 0
ACK
from
Client
ACK
from
Client
Start
by
Host
Data Byte
Word Address – Byte 1
ACK
from
Client
ACK
from
Client
Stop
by
Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com