Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFE9130 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFE9130
Description  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFE9130 Datasheet(HTML) 1 Page - International Rectifier

  IRFE9130 Datasheet HTML 1Page - International Rectifier IRFE9130 Datasheet HTML 2Page - International Rectifier IRFE9130 Datasheet HTML 3Page - International Rectifier IRFE9130 Datasheet HTML 4Page - International Rectifier IRFE9130 Datasheet HTML 5Page - International Rectifier IRFE9130 Datasheet HTML 6Page - International Rectifier IRFE9130 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -10V, TC = 25°C
Continuous Drain Current
-6.5
ID @ VGS = -10V, TC = 100°C Continuous Drain Current
-4.1
IDM
Pulsed Drain Current ➀
25
PD @ TC = 25°C
Max. Power Dissipation
2 5
W
Linear Derating Factor
0.20
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
165
mJ
IAR
Avalanche Current ➀
-A
EAR
Repetitive Avalanche Energy ➀
-mJ
dv/dt
Peak Diode Recovery dv/dt ➂
-30
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 (for 5 S)
Weight
0.42(typical)
g
PD - 91716B
The leadless chip carrier (LCC) package represents the
logical next step in the continual evolution of surface
mount technology. Desinged to be a close replacement
for the TO-39 package, the LCC will give designers the
extra flexibility they need to increase circuit board den-
sity. International Rectifier has engineered the LCC pack-
age to meet the specific needs of the power market by
increasing the size of the bottom source pad, thereby
enhancing the thermal and electrical performance. The
lid of the package is grounded to the source to reduce
RF interference.
o C
A
01/17/01
www.irf.com
1
LCC-18
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFE9130
-100V
0.30
Ω
-6.5A
Features:
!
Surface Mount
!
Small Footprint
!
Alternative to TO-39 Package
!
Hermetically Sealed
!
Dynamic dv/dt Rating
!
Avalanche Energy Rating
!
Simple Drive Requirements
!
Light Weight
For footnotes refer to the last page
IRFE9130
REPETITIVE AVALANCHE AND dv/dt RATED
JANTX2N6849U
HEXFET® TRANSISTOR
JANTXV2N6849U
[REF:MIL-PRF-19500/564]
100V, P-CHANNEL


Similar Part No. - IRFE9130

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFE9130 SEME-LAB-IRFE9130 Datasheet
16Kb / 2P
P-CHANNEL POWER MOSFET
logo
International Rectifier
IRFE9130 IRF-IRFE9130 Datasheet
206Kb / 7P
Simple Drive Requirements
IRFE9130 IRF-IRFE9130_15 Datasheet
206Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFE9130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF7230 IRF-IRHF7230 Datasheet
302Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFV360 IRF-IRFV360 Datasheet
207Kb / 8P
REPETITIVE AVALANCHE RATED AND dv/dt RATED HEXFET TRANSISTOR
IRFE420 IRF-IRFE420 Datasheet
136Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
IRH7250 IRF-IRH7250 Datasheet
317Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7130 IRF-IRHF7130 Datasheet
291Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHM7160 IRF-IRHM7160 Datasheet
137Kb / 8P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHE7110 IRF-IRHE7110 Datasheet
320Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHM7230 IRF-IRHM7230 Datasheet
301Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRH7450 IRF-IRH7450 Datasheet
312Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7310SE IRF-IRHF7310SE Datasheet
39Kb / 4P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com