Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF016B-104V/SN Datasheet(PDF) 80 Page - Microchip Technology

Part # SST26VF016B-104V/SN
Description  2.5V/3.0V 16-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016B-104V/SN Datasheet(HTML) 80 Page - Microchip Technology

Back Button SST26VF016B-104V/SN Datasheet HTML 76Page - Microchip Technology SST26VF016B-104V/SN Datasheet HTML 77Page - Microchip Technology SST26VF016B-104V/SN Datasheet HTML 78Page - Microchip Technology SST26VF016B-104V/SN Datasheet HTML 79Page - Microchip Technology SST26VF016B-104V/SN Datasheet HTML 80Page - Microchip Technology SST26VF016B-104V/SN Datasheet HTML 81Page - Microchip Technology SST26VF016B-104V/SN Datasheet HTML 82Page - Microchip Technology SST26VF016B-104V/SN Datasheet HTML 83Page - Microchip Technology SST26VF016B-104V/SN Datasheet HTML 84Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
SST26VF016B
DS20005262G-page 80
2014-2022 Microchip Technology Inc. and its subsidiaries
11.1 Mapping Guidance Details
The SFDP Memory Organization/Block Protection Bit
Mapping defines the memory organization including
uniform sector/block sizes and different contiguous
sectors/blocks sizes. In addition, this bit defines the
number of these uniform and different sectors/blocks
from address 000000H to the full range of Memory and
the associated Block Locking Register bits of each sec-
tor/block.
Each major Section is defined as follows:
A Major Section consists of Sector Type Number, Num-
ber of Sector of this type and the Block Protection Bit
Start/End locations. This is tied directly to JEDEC Flash
Parameter Table Sector Size Type (in 7th DWORD and
8th DWORD section). Note that the contiguous 4-Kbyte
Sectors across the full memory range are not included
on this section because they are not defined in the
JEDEC Flash Parameter Table Sector Size Type sec-
tion. Only the sectors/blocks that are dependently tied
with the Block Protection Register bits are defined. A
major section is a partition of contiguous same-size
sectors/blocks. There will be several Major Sections as
you dissect across memory from 000000h to the full
range. Similar sector/block size that re-appear may be
defined as a different Major Section.
11.1.1
SECTOR TYPE NUMBER
Sector Type Number is the sector/block size typed
defined in JEDEC Flash Parameter Table: SFDP
address locations 4CH, 4EH, 50H and 52H. Sector
Type 1, which is represented by 01H, is located at
address 4CH. Sector Type 2, which is represented by
02H, is located at address location 4EH. Sector Type 3,
which is represented by 03H, is located at address
location 50H. Sector Type 4, represented by 04H, is
located at address location 52H. Contiguous Same
Sector Type # Size can re-emerge across the memory
range and this Sector Type # will indicate that it is a
separate/independent Major Section from the previous
contiguous sectors/blocks.
25EH
A23:A16
07H
Section 5 Block Protection Bit Start
((2m) +1) + c, c = 07H or 7, m = 5 for 16 Mb
Address bits are Read Lock bit locations and Even Address bits are Write
Lock bit locations. The Most Significant (left-most) bit indicates the sign of
the integer; it is sometimes called the sign bit. If the sign bit is zero, then
the number is greater than or equal to zero, or positive. If the sign bit is
one then the number is less than zero or negative.
25FH
A31:A24
0EH
Section 5 (bottom) Block Protection Bit End
(((2m) +1) + c, c = 0EH or 14, m = 5 for 16 Mb
Address bits are Read Lock bit locations and Even Address bits are Write
Lock bit locations. The Most Significant (left-most) bit indicates the sign of
the integer; it is sometimes called the sign bit. If the sign bit is zero, then
the number is greater than or equal to zero, or positive. If the sign bit is
one then the number is less than zero or negative.
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (CONTINUED) (17 OF 17)
Address
Bit Address
Data
Comments
Note 1: See Section 11.1 “Mapping Guidance Details” for more detailed mapping information.
TABLE 11-2: SECTION DEFINITION
Major Section X
Section X: Sector Type Number
Section X: Number of Sectors
Section X: Block-Protection Register Bit Start Location
Section X: Block-Protection Register Bit End Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com