Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032B-104I/TD Datasheet(PDF) 13 Page - Microchip Technology

Part # SST26VF032B-104I/TD
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104I/TD Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST26VF032B-104I/TD Datasheet HTML 9Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 10Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 11Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 12Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 13Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 14Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 15Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 16Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005218K-page 13
SST26VF032B/SST26VF032BA
5.0
INSTRUCTIONS
Instructions are used to read, write (erase and pro-
gram), and configure the SST26VF032B/032BA. The
complete list of the instructions is provided in Table 5-1.
TABLE 5-1:
DEVICE OPERATION INSTRUCTIONS FOR SST26VF032B/032BA
Instruction Description
Command
Cycle(1)
Mode
Address
Cycle(s)(1,2)
Dummy
Cycle(s)(3)
Data
Cycle(s)(3)
Max
Freq(1)
SPI SQI
Configuration
NOP
No Operation
00H
X
X
0
0
0
104 MHz
/ 80 MHz
RSTEN
Reset Enable
66H
X
X
0
0
0
RST(5)
Reset Memory
99H
X
X
0
0
0
EQIO
Enable Quad I/O
38H
X
0
0
0
RSTQIO(6) Reset Quad I/O
FFH
X
X
0
0
0
RDSR
Read STATUS Register
05H
X0
0
1 to ∞
X0
1
1 to ∞
WRSR
Write STATUS Register
01H
X
X
0
0
2
RDCR
Read Configuration
Register
35H
X0
0
1 to ∞
X0
1
1 to ∞
Read
Read
Read Memory
03H
X
3
0
1 to ∞
40 MHz
High-
Speed
Read
Read Memory at Higher
Speed
0BH
X3
3
1 to ∞
104 MHz
/ 80 MHz
X3
1
1 to ∞
SQOR(7)
SPI Quad Output Read
6BH
X
3
1
1 to ∞
SQIOR(8)
SPI Quad I/O Read
EBH
X
3
3
1 to ∞
SDOR(9)
SPI Dual Output Read
3BH
X
3
1
1 to ∞
SDIOR(10) SPI Dual I/O Read
BBH
X
3
1
1 to ∞
80 MHz
SB
Set Burst Length
C0H
X
X
0
0
1
104 MHz
/ 80 MHz
RBSQI
SQI Read Burst with Wrap
0CH
X
3
3
n to ∞
RBSPI(8)
SPI Read Burst with Wrap
ECH
X
3
3
n to ∞
Identification
JEDEC-ID JEDEC-ID Read
9FH
X
0
0
3 to ∞
104 MHz
/ 80 MHz
Quad J-ID Quad I/O J-ID Read
AFH
X
0
1
3 to ∞
SFDP
Serial Flash Discoverable
Parameters
5AH
X
3
1
1 to ∞
Write
WREN
Write Enable
06H
X
X
0
0
0
104 MHz
/ 80 MHz
WRDI
Write Disable
04H
X
X
0
0
0
SE(11)
Erase 4 Kbytes of Memory
Array
20H
X
X
3
0
0
BE(12)
Erase 64, 32 or 8 Kbytes of
Memory Array
D8H
X
X
3
0
0
CE
Erase Full Array
C7H
X
X
0
0
0
PP
Page Program
02H
X
X
3
0
1 to 256
SPI Quad
PP(7)
SQI Quad Page
Program
32H
X
3
0
1 to 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com