Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD39VASAFHT2RB Datasheet(PDF) 1 Page - Rohm

Part # ESD39VASAFHT2RB
Description  Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ESD39VASAFHT2RB Datasheet(HTML) 1 Page - Rohm

  ESD39VASAFHT2RB Datasheet HTML 1Page - Rohm ESD39VASAFHT2RB Datasheet HTML 2Page - Rohm ESD39VASAFHT2RB Datasheet HTML 3Page - Rohm ESD39VASAFHT2RB Datasheet HTML 4Page - Rohm ESD39VASAFHT2RB Datasheet HTML 5Page - Rohm ESD39VASAFHT2RB Datasheet HTML 6Page - Rohm ESD39VASAFHT2RB Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ESD39VASAFH
Transient Voltage Suppressor
(AEC-Q101 qualified)
Data sheet
●Outline
VRWM
33
V
Ppp
120
W
Ipp
2
A
●Features
●Inner Circuit
1)High reliability
2)Small power mold type (DFN1006-2W)
3)Side wettable Flanks for automated optical
solder inspection (AOI) Tin-plated 100% solderable
side pads guarantees Min.125μm
●Application
●Packaging Specifications
Surge Protection
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
Basic Ordering Unit(pcs)
8000
●Structure
Taping Code
T2RB
Silicon Epitaxial Planar
Marking
B39
●Absolute Maximum Ratings
Parameter
Symbol
Conditions
Min.
Max.
Unit
Peak pulse power
Ppp
tp=8/20us
-
120
W
Maximum peak pulse current
Ipp
tp=8/20us
-
2
A
Junction temperature
Tj
-
150
℃
Storage temperature
Tstg
-55
150
℃
ESD capability
VESD
IEC61000-4-2
Air
-
±25
kV
Contact
-
±25
kV
*IEC61000-4-2
C=150pF R=330Ω
●Characteristics
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Reverse Stand-off voltage
VRWM
-
-
33
V
Breakdown voltage
VBR
IT=1mA
37.81
-
41.79
V
Reverse current
IR
VR=33V
-
-
100
nA
Clamping voltage
Vcl
Ipp=2A tp=8/20us
-
55
59
V
Capacitance between terminals
Ct
f=1MHz VR=0V
-
8
-
pF
www.rohm.com
© 2024 ROHMCo., Ltd. All rights reserved.
1/4
2024/04/15_Rev.001


Similar Part No. - ESD39VASAFHT2RB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD39VD3B MCC-ESD39VD3B Datasheet
308Kb / 3P
39Volts ESD Protection Devices
More results

Similar Description - ESD39VASAFHT2RB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com