Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3KB150JE Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # STA3KB150JE
Description  3,000 WATTS PEAK PULSE POWER 13.6 - 800 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STA3KB150JE Datasheet(HTML) 2 Page - Solid States Devices, Inc

  STA3KB150JE Datasheet HTML 1Page - Solid States Devices, Inc STA3KB150JE Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
10
20
30
40
50
60
70
80
90
100
01
23
4
tp
PRELIMINARY
SOLID STATE DEVICES, INC.
Electrical Characteristics
PART
NUMBER
STA3KA13.6JE
thru
STA3KA800JE
STA3KA13.6JE
STA3KA15JE
STA3KA16.4JE
STA3KA18.2JE
STA3KA20JE
STA3KA22JE
STA3KA24JE
STA3KA26JE
STA3KA30JE
STA3KA32JE
STA3KA36JE
STA3KA40JE
STA3KA44JE
STA3KA48JE
STA3KA60JE
STA3KA72JE
STA3KA86JE
STA3KA102JE
STA3KA124JE
STA3KA150JE
STA3KA164JE
STA3KA200JE
STA3KA300JE
STA3KA360JE
STA3KA400JE
STA3KA600JE
STA3KA800JE
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
Notes:
1. All voltages are measured with automated test set using 35
msec test time. Longer or shorter test times will have a
corresponding effect on the measured value due to the heat-
ing effects.
2. Pulse width (tP) is defined as the time from peak pulse
current IPP to the point where peak pulse current decayed
to 50% of rated IPP. (10:sec x 100:sec wave form as
defined by R.E.A.)
3. All Ratings based on 25oC Case temperature.
BREAK DOWN
(note 1)
Nominal
Voltage
Test
Current
Voltage
Reverse
Leakage
Current
Voltage
(max)
@
Current
tp = 1ms
(note 2)
MAX REVERSE
STAND OFF
PEAK PULSE
CLAMPING
MAXIMUM
TEMPERATURE
COEFFICIENT
VBR
VRWM
IR @VRWM
VC
IPP
TC @25oC
IBRT
Volts
mA
:A
Volts
A%/oC
13.6
15
16.4
18.2
20
22
24
26
30
32
36
40
44
48
60
72
86
102
124
150
164
200
300
360
400
600
800
10
10
10
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
11.00
12.10
13.26
14.74
16.2
17.84
19.44
21.0
24.2
25.8
29.0
32.4
35.6
38.8
48.6
59.2
69.6
82.6
100.4
120.4
132.8
162
242
292
324
486
648
10%
1000
500
200
50
10
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
0.057
0.061
0.065
0.068
0.073
0.075
0.076
0.081
0.084
0.086
0.088
0.090
0.092
0.094
0.097
0.099
0.101
0.102
0.104
0.105
0.105
0.106
0.108
0.108
0.108
0.110
0.110
21.0
22.6
24.2
26.8
29.0
31.2
33.4
36.4
42.4
45.0
52.4
55.4
61.2
66.4
82.8
98.8
118.6
140.2
170.0
206.0
226
274
414
492
548
828
1096
143
132
124
112
103
96.0
90.0
82.0
71.0
67.0
57.2
54.0
49.0
45.0
36.0
30.0
25.3
21.4
17.7
14.6
13.3
11.0
7.2
6.1
5.5
3.6
2.7
TIME (ms)
STA3KB13.6JE
STA3KB15JE
STA3KB16.4JE
STA3KB18.2JE
STA3KB20JE
STA3KB22JE
STA3KB24JE
STA3KB26JE
STA3KB30JE
STA3KB32JE
STA3KB36JE
STA3KB40JE
STA3KB44JE
STA3KB48JE
STA3KB60JE
STA3KB72JE
STA3KB86JE
STA3KB102JE
STA3KB124JE
STA3KB150JE
STA3KB164JE
STA3KB200JE
STA3KB300JE
STA3KB360JE
STA3KB400JE
STA3KB600JE
STA3KB800JE
10%
5%
5%
10.60
12.80
14.04
15.56
17.1
18.8
20.4
22.2
25.6
27.2
30.6
34.2
37.6
41.0
50.2
61.6
73.6
87.2
106.0
128.2
140.2
171
256
308
342
512
684



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com