Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT100S20B Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # APT100S20B
Description  Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APT100S20B Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  APT100S20B Datasheet HTML 1Page - Inchange Semiconductor Company Limited APT100S20B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Diode
APT100S20B
www.iscsemi.com
1
FEATURES
· Low forward voltage drop
· Low Leakage Current
· Ultrafast recovery time
APPLICATIONS
· Switch mode Power Supply
· Inverters
· Motor Controllers
· Converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
200
V
IF(AV)
Average Rectified Forward Current
Duty Cycle, TC = 125 °C
120
A
IFSM
Non-repetitive Peak Surge Current
TC = 45 °C, tp = 8.3 ms
1000
A
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.18
℃
/W


Similar Part No. - APT100S20B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT100S20B ADPOW-APT100S20B Datasheet
32Kb / 2P
HIGH VOLTAGE SCHOTTKY DIODE
logo
Microsemi Corporation
APT100S20B MICROSEMI-APT100S20B Datasheet
196Kb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
APT100S20B MICROSEMI-APT100S20B Datasheet
1Mb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
APT100S20BG MICROSEMI-APT100S20BG Datasheet
1Mb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
logo
Inchange Semiconductor ...
APT100S20BG ISC-APT100S20BG Datasheet
308Kb / 2P
HIGH VOLTAGE SCHOTTKY DIODE
More results

Similar Description - APT100S20B

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
Schottky Diode
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com