Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIRLS8409-7P Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # AUIRLS8409-7P
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

AUIRLS8409-7P Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  AUIRLS8409-7P Datasheet HTML 1Page - Inchange Semiconductor Company Limited AUIRLS8409-7P Datasheet HTML 2Page - Inchange Semiconductor Company Limited AUIRLS8409-7P Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc N-Channel MOSFET Transistor
AUIRLS8409-7P
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
40
--
--
V
VGS(th)
Gate Threshold Voltage
VDS= 10V; ID=0.25mA
1.0
--
2.4
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 100A
--
--
0.75
mΩ
VGS= 5.5V; ID= 50A
--
--
0.85
VGS= 4.5V; ID= 50A
--
--
1.10
IGSS
Gate-Body Leakage Current
VGS= ±16V;VDS= 0
--
--
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 40V; VGS= 0
--
--
1
uA
VSD
Diode Forward Voltage
ISD= 100A, VGS= 0V
--
--
1.2
V
PACKAGE OUTLINE (UNIT: mm):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com