Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9101 Datasheet(PDF) 2 Page - Analog Devices

Part # DS9101
Description  RTC iButton
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS9101 Datasheet(HTML) 2 Page - Analog Devices

  DS9101 Datasheet HTML 1Page - Analog Devices DS9101 Datasheet HTML 2Page - Analog Devices DS9101 Datasheet HTML 3Page - Analog Devices DS9101 Datasheet HTML 4Page - Analog Devices DS9101 Datasheet HTML 5Page - Analog Devices DS9101 Datasheet HTML 6Page - Analog Devices DS9101 Datasheet HTML 7Page - Analog Devices DS9101 Datasheet HTML 8Page - Analog Devices DS9101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Analog Devices
iButton Description
The DS1904 RTC iButton is a rugged real-time clock module that can be accessed with minimal
hardware. Data is transferred serially via the 1-Wire protocol, which requires only a single data lead and
a ground return. The DS1904 contains a unique 64-bit factory-lasered ROM and a real-time
clock/calendar implemented as a binary counter. The durable MicroCan package is highly resistant to
environmental hazards such as dirt, moisture, and shock. Accessories permit the DS1904 to be mounted
on almost any surface including printed circuit boards and plastic key fobs. The DS1904 adds functions
such as calendar, time and date stamp, stopwatch, hour meter, interval timer, and logbook to any type of
electronic device or embedded application that uses a microcontroller.
Overview
The DS1904 has two main data components: 1) 64-bit lasered ROM, and 2) real-time clock counter
(Figure 1). The real-time clock utilizes an on-chip oscillator that is connected to a 32.768kHz crystal. The
hierarchical structure of the 1-Wire protocol is shown in Figure 2. The bus controller must first provide
one of four ROM function commands: 1) Read ROM, 2) Match ROM, 3) Search ROM, 4) Skip ROM. The
protocol for these ROM functions is described in Figure 7. After a ROM function command is successfully
executed, the real-time clock functions become accessible, and the controller may then provide one of
the real-time clock function commands. The protocol for these commands is described in Figure 5. All
data is read and written least significant bit first.
Block Diagram Figure 1
64-Bit Lasered ROM
Each DS1904 contains a unique ROM code that is 64 bits long. The first eight bits are a 1-Wire family
code. The next 48 bits are a unique serial number. The last eight bits are a CRC of the first 56 bits (see
Figure 3). The 1-Wire CRC is generated using a polynomial generator consisting of a shift register and
XOR gates as shown in Figure 4. The polynomial is X8 + X5 + X4 + 1. Additional information about the
Analog Devices 1-Wire Cyclic Redundancy Check is available in the Book of iButton® Standards. The
ROM FUNCTION
CONTROL
64-BIT LASERED
ROM
CLOCK
FUNCTION
CONTROL
OSCILLATOR
CONTROL
DS1904
3V LITHIUM
DATA
LID
CONTACT
32.768kHz
OSCILLATOR
READ/WRITE BUFFER
RTC COUNTER (32-BIT)
DIVIDER
1Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com