Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIDO5200BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # FIDO5200BBCZ
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5200BBCZ Datasheet(HTML) 1 Page - Analog Devices

  FIDO5200BBCZ Datasheet HTML 1Page - Analog Devices FIDO5200BBCZ Datasheet HTML 2Page - Analog Devices FIDO5200BBCZ Datasheet HTML 3Page - Analog Devices FIDO5200BBCZ Datasheet HTML 4Page - Analog Devices FIDO5200BBCZ Datasheet HTML 5Page - Analog Devices FIDO5200BBCZ Datasheet HTML 6Page - Analog Devices FIDO5200BBCZ Datasheet HTML 7Page - Analog Devices FIDO5200BBCZ Datasheet HTML 8Page - Analog Devices FIDO5200BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Data Sheet
fido5100/fido5200
Real-Time Ethernet Multiprotocol (REM) Switch
Rev. G
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
2 independent Ethernet ports: 1 MII and 1 RMII interface per port
►
Support for all industrial protocols
►
PROFINET Class B and Class C
►
EtherNet/IP, CIP Sync, and CIP Motion
►
Modbus TCP
►
EtherCAT
►
Host interface transfer rate: 32 bits per 28 ns
►
PI Net Load Class III capable
►
DLR MRP
►
IEEE 802.3, 10 Mbps/100 Mbps, half and full duplex, IPv6 and
IPv4 communication
►
IEEE 1588 Version 2 support: ordinary clock; both peer to peer
and end to end transparent clocks, raw frames, and UDP
►
8 independent timer signals synchronized with an internal preci-
sion timer
►
4 independently programmable timer signals for timer capture
events or timer output events
►
4 timer signals create programmable periodic waveforms
synchronized to the internal precision timer
►
DCP, LLDP, DHCP, RSTP, VLAN, IGMP snooping support
►
Forwarding table with aging and learning
►
Drive LEDs for link activity
►
−40°C to +105°C industrial temperature range rating
►
144-lead CSP_BGA RoHS compliant package
APPLICATIONS
►
Industrial automation
►
Process control
►
Instrumentation
►
Intelligent buildings
GENERAL DESCRIPTION
The fido5100 and fido5200 are real-time Ethernet, multiprotocol
(REM), two-port switches. The REM switches provide customers
the flexibility to select processors that best fit the application. The
switches offer 10 Mbps/100 Mbps throughput and support most
Layer 2 or Layer 3 protocols.
The fido5100 supports PROFINET real-time (RT) and isochronous
real-time (IRT), EtherNet/IP with and without device level ring
(DLR), Modbus TCP, and POWERLINK. The fido5200 supports
EtherCAT and all protocols defined for the fido5100. The switches
contain software drivers for each protocol. The software drivers
provide an API for integration with any field device or protocol
stack.
The REM switch architecture incorporates Analog Devices, Inc.
PriorityChannel™ technology for efficient data transfers. Data is
transferred to and from the switch using PriorityChannel queues.
Thus, real-time data transfers can interrupt non-real-time data
transfers to ensure timely delivery of critical data. These queues
are managed by the switch driver and interface to the protocol
stack to achieve the most efficient data transfers without application
software involvement.
Additionally, PriorityChannel technology allows the switches to be
immune to network loading effects. The REM switches automatical-
ly filter packets to prevent unwanted traffic from the processor,
manage low priority traffic based on processor loading, and guaran-
tee the timely delivery of high priority packets regardless of overall
packet load.
The software drivers include a standard set of interfaces to sup-
port standard, low priority, TCP/IP communications, basic switch
initialization, timer configuration, and interrupt management. This
interface is common to all REM switch drivers, easing the porting
of the application to each supported protocol. Each protocol has its
own interface that configures the REM switch for optimal operation.
This configuration is transparent to the user and can be performed
at any time, including a soft-boot to change protocols without
resetting the host processor or PHYs.


Similar Part No. - FIDO5200BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
FIDO5200BBCZ AD-FIDO5200BBCZ Datasheet
378Kb / 19P
Real-Time Ethernet Multiprotocol (REM) Switch
3/2020-Rev. D to Rev. E
More results

Similar Description - FIDO5200BBCZ

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
Real time clock
logo
National Instruments Co...
NICFP-21XX NI-NICFP-21XX Datasheet
408Kb / 6P
Compact FieldPoint LabVIEW Real-Time Controllers with Ethernet
NICFP-2020 NI-NICFP-2020 Datasheet
46Kb / 4P
LabVIEW Real-Time Controller Interfaces with Ethernet
logo
STMicroelectronics
ST802RT1B STMICROELECTRONICS-ST802RT1B Datasheet
596Kb / 58P
10/100 real-time Ethernet 3.3 V transceiver
02-Feb-2010
logo
Advantech Co., Ltd.
ADAM-6117 ADVANTECH-ADAM-6117 Datasheet
339Kb / 1P
8-ch Isolated Analog Input Real-time Ethernet Module
ADAM-6160 ADVANTECH-ADAM-6160 Datasheet
365Kb / 1P
6-ch Relay Real-time Ethernet Module
logo
STMicroelectronics
ST802RT1AFR STMICROELECTRONICS-ST802RT1AFR Datasheet
590Kb / 58P
10/100 real-time Ethernet 3.3 V transceiver
02-Feb-2010
logo
Advantech Co., Ltd.
ADAM-6117 ADVANTECH-ADAM-6117_14 Datasheet
252Kb / 1P
8-ch Isolated Analog Input Real-time Ethernet Module
logo
Red Lion Controls. Inc
ET-DS REDLION-ET-DS Datasheet
494Kb / 2P
Ethernet Real-Time Device Servers
logo
Analog Devices
FIDO5200 AD-FIDO5200 Datasheet
378Kb / 19P
Real-Time Ethernet Multiprotocol (REM) Switch
3/2020-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com