Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2882 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM2882
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM2882 Datasheet HTML 16Page - Analog Devices LTM2882 Datasheet HTML 17Page - Analog Devices LTM2882 Datasheet HTML 18Page - Analog Devices LTM2882 Datasheet HTML 19Page - Analog Devices LTM2882 Datasheet HTML 20Page - Analog Devices LTM2882 Datasheet HTML 21Page - Analog Devices LTM2882 Datasheet HTML 22Page - Analog Devices LTM2882 Datasheet HTML 23Page - Analog Devices LTM2882 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTM2884
24
Rev. D
For more information www.analog.com
 ANALOG DEVICES, INC. 2014-2023
05/23
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTM2881
Complete Isolated RS485/RS422 µModule Transceiver + Power
2500VRMS Isolation in Surface Mount BGA or LGA
LTM2882
Dual Isolated RS232 µModule Transceiver with Integrated DC/DC Converter
2500VRMS Isolation in Surface Mount BGA or LGA
LTM2883
SPI or I2C µModule Isolator with Adjustable ±12.5V and 5V Regulated Power
2500VRMS Isolation in Surface Mount BGA
LTM2892
SPI/Digital or I2C µModule Isolator
3500VRMS Isolation, 6 Channels
LTM2894
USB µModule Isolator
7500VRMS Isolation
Figure 13. Self Powered 4-Port Hub with Independent Isolation
2884 F13
VBUS
12V
VLO
VCC
ON
SPNDPWR
GND
LTM2884
D4D–
D4D+
D3C–
D3C+
VLO2
VCC2
VBUSA
GND2
D2+
D2–
DA+
DA–
PWR
USB PORT A
100µF
VBUS
12V
VLO
D2+
D2–
VCC
ON
SPNDPWR
GND
LTM2884
VLO2
VCC2
VBUSB
GND2
DB+
DB–
PWR
USB PORT B
100µF
VBUS
12V
VLO
VCC
ON
SPNDPWR
GND
LTM2884
VLO2
VCC2
VBUSC
GND2
DC+
DC–
PWR
USB PORT C
100µF
VBUS
12V
VLO
VCC
0.2Ω
51k
1.5k
91k
4.7µF
4.7µF
0.2Ω
ON
15k
27Ω
27Ω
SN74LVC04
SPNDPWR
GND
LTM2884
D1–
D1+
D1–
D1+
D2B–
D2B+
D1–
D1+
D1A–
PWRON_A
PWRON_B
PWRON_C
PWRON_D
D1A+
D1–
D1+
VLO2
VCC2
VBUSD
GNDD
GNDC
GNDB
GNDA
GND2
DD+
DD–
PWR
USB PORT D
100µF
STATUS
EN
SD
IN
VS
DS
GATE
GND
LTC1154
12V
27Ω
27Ω
3.3V
3.3V
47k
3.3V
15k
15k
27Ω
27Ω
STATUS
EN
SD
IN
VS
DS
GATE
GND
LTC1154
6MHz CLOCK
SIGNAL
SYSTEM
POWER-ON
RESET
12V
15k
0.2Ω
15k
27Ω
27Ω
STATUS
EN
SD
IN
VS
DS
GATE
GND
LTC1154
12V
15k
0.2Ω
15k
27Ω
27Ω
STATUS
EN
SD
IN
VS
DS
GATE
GND
LTC1154
12V
15k
OVRCUR4
PWRON4
DP4
DM4
DP0
DM0
DP0
VBUS
DM0
OVRCUR3
EXTMEM
VCC
12V
GND
PWRON3
DP3
DM3
XTAL1
XTAL2
OVRCUR2
RESET
BUSPWR
EEDATA/
GANGED
GND
PWRON2
DP2
DM2
OVRCUR1
PWRON1
DP1
DM1
SN75240
MAX4594 SPST
GND
NO
COM
IN
V+
3.3V LDO
LT1762-3.3
A
B
C
D
TUSB2046B
3.3V
51k
3.3V
51k
3.3V
51k
3.3V
D2+
D2–
D2+
D2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com