Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2883 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM2883
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 9Page - Analog Devices LTM2883 Datasheet HTML 10Page - Analog Devices LTM2883 Datasheet HTML 11Page - Analog Devices LTM2883 Datasheet HTML 12Page - Analog Devices LTM2883 Datasheet HTML 13Page - Analog Devices LTM2883 Datasheet HTML 14Page - Analog Devices LTM2883 Datasheet HTML 15Page - Analog Devices LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM2884
13
Rev. D
For more information www.analog.com
The LTM2884 µModule transceiver provides a galvanically
isolated robust USB interface, powered by an integrated,
regulated DC/DC converter, complete with decoupling
capacitors. This flexible device can support a variety of
USB configurations, either bus powered or externally pow-
ered. Applications include isolation in hosts, hubs, periph-
erals, or standalone inline bus splitters. Automatically
configured pull-up resistors are included to represent
the condition of the isolated downstream USB bus to the
upstream USB bus. The LTM2884 is ideal for use in USB
connections where grounds between upstream hub/host
and downstream devices can take on different voltages.
Isolation in the LTM2884 blocks high voltage differences
and eliminates ground loops and is extremely tolerant
of common mode transients between ground potentials.
Error free operation is maintained through common
mode events exceeding 30kV/µs providing excellent
noise isolation.
The LTM2884 contains a fully integrated DC/DC con-
verter including the transformer, so that no external
components are necessary in many configurations. The
upstream side contains a flyback converter that regulates
the downstream output voltage through primary sensing
techniques. The internal power solution is sufficient to
support the transceiver interface and supply up to 500mA
at 5V through VCC2 to an attached device dependent on
the supply voltage and available current on VCC.
The integrated USB transceivers on both sides of the iso-
lation barrier support full and low speed modes defined
in the USB 2.0 specification. The communication through
the isolation barrier for USB is bidirectional and as such
the LTM2884 determines data flow direction based on
which side a start of packet (SOP) begins first. The direc-
tion of data is maintained until an end of packet (EOP)
pattern is observed or a timeout occurs due to a lack of
activity. The USB interface maintains a consistent propa-
gation delay representative of a hub delay and transfers
all data.
Pull-up resistors integrated in the upstream interface
automatically indicate device connections and discon-
nections. A downstream device connection automatically
selects the proper pull-up resistor at the upstream facing
port after sensing the idle state of the downstream device
at connection time. Disconnection of a downstream
device automatically releases the pull-up resistor on the
upstream facing port allowing the upstream 15k pull-
down resistors to pull the bus signals to a disconnect
condition. This function makes the LTM2884 ideal for
host, hub, bus splitter, or peripheral device integration.
Isolator µModule Technology
The LTM2884 utilizes isolator µModule technology to
translate signals and power across an isolation barrier.
Signals on either side of the barrier are encoded into
pulses and translated across the isolation boundary
using differential signaling through coreless transformers
formed in the µModule substrate. This system, complete
with data refresh, error checking, safe shutdown on fail,
and extremely high common mode immunity, provides
a robust solution for bidirectional signal isolation. The
µModule technology provides the means to combine the
isolated signaling with a USB transceiver and powerful
isolated DC/DC converter in one small package.
USB Transceiver Pin Protection
The LTM2884 USB transceiver pins D1+, D1–, D2+, and
D2– have protection from ESD and short-circuit faults.
The transceiver pins withstand ±15KV HBM ESD events.
Overcurrent circuitry on the transceiver pins monitor fault
conditions from D1+ and D1– to GND, VLO, or VBUS and
from D2+ and D2– to GND2, VLO2, or VCC2. A current
detection circuit disables the transceiver pin if the pin
sinks about 40mA for greater than 600ns. The VLO and
VLO2 output supplies protect the USB transceiver pins
from shorts to GND or GND2 respectively with a 40mA
current limit.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com