Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25120/40 Datasheet(PDF) 1 Page - Alpha Wire

Part # 25120/40
Description  24 (7/32) AWG Tinned Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25120/40 Datasheet(HTML) 1 Page - Alpha Wire

  25120/40 Datasheet HTML 1Page - Alpha Wire 25120/40 Datasheet HTML 2Page - Alpha Wire 25120/40 Datasheet HTML 3Page - Alpha Wire 25120/40 Datasheet HTML 4Page - Alpha Wire 25120/40 Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 25120/40
Construction


Similar Part No. - 25120/40

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25120/40 ALPHAWIRE-25120/40 Datasheet
94Kb / 5P
Customer Specification
1/5/2023
More results

Similar Description - 25120/40

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1346014 ETC2-1346014 Datasheet
102Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
28502 ETC2-28502 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351316 ETC2-1351316 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351319 ETC2-1351319 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351642 ETC2-1351642 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1350SB ETC2-1350SB Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
logo
Molex Electronics Ltd.
0082247707 MOLEX1-0082247707_17 Datasheet
26Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded, Tinned, 7 circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com