Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25440/2 Datasheet(PDF) 1 Page - Alpha Wire

Part # 25440/2
Description  16 (19/.0117) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25440/2 Datasheet(HTML) 1 Page - Alpha Wire

  25440/2 Datasheet HTML 1Page - Alpha Wire 25440/2 Datasheet HTML 2Page - Alpha Wire 25440/2 Datasheet HTML 3Page - Alpha Wire 25440/2 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 25440/2
Construction
 
Diameters (In)
1) Component 1
2 X 1 COND
 
a) Conductor
16 (19/.0117) AWG Tinned Copper
0.059
b) Insulation
0.032" Wall, Nom. PVC
0.123
(1) Color Code
Alpha Wire Color Code E
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
BROWN
 
2) Cable Assembly
2 Components Cabled
 
a) Twists:
3.4 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
 
a) Foil Direction
Foil Facing In
 
b) Drain Wire
16 (19/.0117) AWG Tinned Copper
 
4) Jacket
0.063" Wall, Nom.,Polyurethane (TPU)
0.380 (0.398 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 25440/2
XTRAGUARD(R) 2 RU AWM 20669 VW-1 OR CRU
AWM I/II A/B 90C 600 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - 25440/2

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25440/2 ALPHAWIRE-25440/2 Datasheet
98Kb / 4P
Customer Specification
12/12/2022
More results

Similar Description - 25440/2

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9039A GENERAL-C9039A Datasheet
71Kb / 1P
2C 16 AWG 19/.0117 TC PVC / PVC
C9041A GENERAL-C9041A Datasheet
71Kb / 1P
3C 16 AWG 19/.0117 TC PVC / PVC
C9042A GENERAL-C9042A Datasheet
71Kb / 1P
4C 16 AWG 19/.0117 TC PVC / PVC
C9043A GENERAL-C9043A Datasheet
71Kb / 1P
6C 16 AWG 19/.0117 TC PVC / PVC
C9044A GENERAL-C9044A Datasheet
71Kb / 1P
8C 16 AWG 19/.0117 TC PVC / PVC
C9045A GENERAL-C9045A Datasheet
71Kb / 1P
10C 16 AWG 19/.0117 TC PVC / PVC
C9138A GENERAL-C9138A Datasheet
71Kb / 1P
2C 16 AWG 19/.0117 TC PVC / OAS / PVC
C9140A GENERAL-C9140A Datasheet
71Kb / 1P
3C 16 AWG 19/.0117 TC PVC / OAS / PVC
C9144A GENERAL-C9144A Datasheet
71Kb / 1P
8C 16 AWG 19/.0117 TC PVC / OAS / PVC
C9145A GENERAL-C9145A Datasheet
71Kb / 1P
10C 16 AWG 19/.0117 TC PVC / OAS / PVC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com