Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0 Datasheet(PDF) 39 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 39 Page - SPANSION

Back Button S71PL129JC0_06 Datasheet HTML 35Page - SPANSION S71PL129JC0_06 Datasheet HTML 36Page - SPANSION S71PL129JC0_06 Datasheet HTML 37Page - SPANSION S71PL129JC0_06 Datasheet HTML 38Page - SPANSION S71PL129JC0_06 Datasheet HTML 39Page - SPANSION S71PL129JC0_06 Datasheet HTML 40Page - SPANSION S71PL129JC0_06 Datasheet HTML 41Page - SPANSION S71PL129JC0_06 Datasheet HTML 42Page - SPANSION S71PL129JC0_06 Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 153 page
background image
October 28, 2005 S71PL129Jxx_00_A8
S71PL129JC0/S71PL129JB0/S71PL129JA0
37
Advance
Informatio n
Persistent Protection Bit Lock
The Persistent Protection Bit (PPB) Lock is a volatile bit that reflects the state of
the Password Mode Locking Bit after power-up reset. If the Password Mode Lock
Bit is also set after a hardware reset (RESET# asserted) or a power-up reset, the
ONLY means for clearing the PPB Lock Bit in Password Protection Mode is to issue
the Password Unlock command. Successful execution of the Password Unlock
command clears the PPB Lock Bit, allowing for sector PPBs modifications. Assert-
ing RESET#, taking the device through a power-on reset, or issuing the PPB Lock
Bit Set command sets the PPB Lock Bit to a “1” when the Password Mode Lock Bit
is not set.
If the Password Mode Locking Bit is not set, including Persistent Protection Mode,
the PPB Lock Bit is cleared after power-up or hardware reset. The PPB Lock Bit is
set by issuing the PPB Lock Bit Set command. Once set the only means for clear-
ing the PPB Lock Bit is by issuing a hardware or power-up reset. The Password
Unlock command is ignored in Persistent Protection Mode.
High Voltage Sector Protection
Sector protection and unprotection may also be implemented using programming
equipment. The procedure requires high voltage (VID) to be placed on the RE-
SET# pin. Refer to Figure 1 for details on this procedure. Note that for sector
unprotect, all unprotected sectors must first be protected prior to the first sector
write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com