Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN2681 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SCN2681
Description  Dual asynchronous receiver/transmitter DUART
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2681 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SCN2681 Datasheet HTML 14Page - NXP Semiconductors SCN2681 Datasheet HTML 15Page - NXP Semiconductors SCN2681 Datasheet HTML 16Page - NXP Semiconductors SCN2681 Datasheet HTML 17Page - NXP Semiconductors SCN2681 Datasheet HTML 18Page - NXP Semiconductors SCN2681 Datasheet HTML 19Page - NXP Semiconductors SCN2681 Datasheet HTML 20Page - NXP Semiconductors SCN2681 Datasheet HTML 21Page - NXP Semiconductors SCN2681 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Philips Semiconductors
Product specification
SCN2681
Dual asynchronous receiver/transmitter (DUART)
1998 Sep 04
18
Table 3.
Bit Rate Generator Characteristics Crystal or Clock = 3.6864MHz
NORMAL RATE (BAUD)
ACTUAL 16x CLOCK (kHz)
ERROR (%)
50
0.8
0
75
1.2
0
110
1.759
-0.069
134.5
2.153
0.059
150
2.4
0
200
3.2
0
300
4.8
0
600
9.6
0
1050
16.756
-0.260
1200
19.2
0
1800
28.8
0
2000
32.056
0.175
2400
38.4
0
4800
76.8
0
7200
115.2
0
9600
153.6
0
14.4K
230.4
0
19.2k
307.2
0
28.8K
460.8
0
38.4k
614.4
0
57.6K
921.6
0
115.2K
1843.2K
0
NOTE: Duty cycle of 16x clock is 50%
± 1%.
Asynchronous UART communications can tolerate frequency error
of 4.1% to 6.7% in a “clean” communications channel. The percent
of error changes as the character length changes. The above
percentages range from 5 bits not parity to 8 bits with parity and one
stop bit. The error with 8 bits no parity and one stop bit is 4.6%. If a
stop bit length of 9/16 is used, the error tolerance will approach 0
due to a variable error of up to 1/16 bit time in receiver clock phase
alignment to the start bit.
Table 4.
ACR 6:4 Field Definition
ACR 6:4
MODE
CLOCK SOURCE
000
Counter
External (IP2)
001
Counter
TxCA – 1x clock of Channel A transmitter
010
Counter
TxCB – 1x clock of Channel B transmitter
011
Counter
Crystal or external clock (x1/CLK) divided by 16
100
Timer (square wave)
External (IP2)
101
Timer (square wave)
External (IP2) divided by 16
110
Timer (square wave)
Crystal or external clock (x1/CLK)
111
Timer (square wave)
Crystal or external clock (x1/CLK) divided by 16
NOTE: Timer mode generates a squarewave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com