Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN68661 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SCN68661
Description  Enhanced programmable communications interface EPCI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68661 Datasheet(HTML) 3 Page - NXP Semiconductors

  SCN68661 Datasheet HTML 1Page - NXP Semiconductors SCN68661 Datasheet HTML 2Page - NXP Semiconductors SCN68661 Datasheet HTML 3Page - NXP Semiconductors SCN68661 Datasheet HTML 4Page - NXP Semiconductors SCN68661 Datasheet HTML 5Page - NXP Semiconductors SCN68661 Datasheet HTML 6Page - NXP Semiconductors SCN68661 Datasheet HTML 7Page - NXP Semiconductors SCN68661 Datasheet HTML 8Page - NXP Semiconductors SCN68661 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Philips Semiconductors
Product specification
SCN2661/SCN68661
Enhanced programmable communications
interface (EPCI)
1994 Apr 27
3
DC ELECTRICAL CHARACTERISTICS1, 2, 3
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
Input voltage
VIL
VIH
Low
High
2.0
0.8
V
V
Output voltage
VOL
VOH4
Low
High
IOL = 2.2mA
IOH = -400µA
2.4
0.4
V
V
IIL
Input leakage current
VIN = 0 to 5.5V
10
µA
3-State output leakage current
ILH
ILL
Data bus high
Data bus low
VO = 4.0V
VO = 0.45V
10
10
µA
µA
ICC
Power supply current
150
mA
NOTES:
1. Over recommended free-air operating temperature range and supply voltage range unless otherwise specified. For conditions shown as MIN
or MAX, use the appropriate value specified under recommended operating conditions.
2. All voltages measurements are referenced to ground. All time measurements are at the 50% level for inputs (except tBRH and tBRL) and at
0.8V and 2.0V for outputs. Input levels swing between 0.4V and 2.4V, with a transition time of
≤ 20ns maximum.
3. Typical values are at +25
°C, typical supply voltages and typical processing parameters.
4. INTR, TxRDY, RxRDY and TxEMT/DSCHG outputs are open-drain.
CAPACITANCE TA = 25°C, VCC = 0V
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
Capacitance
CIN
COUT
CI/O
Input
Output
Input/Output
fC = 1MHz
Unmeasured pins tied to ground
20
20
20
pF
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com