Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN68562 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SCN68562
Description  Dual universal serial communications controller DUSCC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68562 Datasheet(HTML) 3 Page - NXP Semiconductors

  SCN68562 Datasheet HTML 1Page - NXP Semiconductors SCN68562 Datasheet HTML 2Page - NXP Semiconductors SCN68562 Datasheet HTML 3Page - NXP Semiconductors SCN68562 Datasheet HTML 4Page - NXP Semiconductors SCN68562 Datasheet HTML 5Page - NXP Semiconductors SCN68562 Datasheet HTML 6Page - NXP Semiconductors SCN68562 Datasheet HTML 7Page - NXP Semiconductors SCN68562 Datasheet HTML 8Page - NXP Semiconductors SCN68562 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Philips Semiconductors
Product specification
SCN68562
Dual universal serial communications controller (DUSCC)
1995 May 01
3
• 0 to 4MHz data rate
• Programmable bit rate for each receiver and transmitter selectable
from:
– 16 fixed rates: 50 to 38.4k baud
– One user-defined rate derived from programmable
counter/timer
– External 1X or 16X clock
– Digital phase-locked loop
• Parity and FCS (frame check sequence LRC or CRC) generation
and checking
• Programmable data encoding/decoding: NRZ, NRZI, FM0, FM1,
Manchester
• Programmable channel mode: full- and half-duplex, auto-echo, or
local loopback
• Programmable data transfer mode: polled, interrupt, DMA, wait
• DMA interface
– Compatible with the Philips Semiconductors SCB68430 Direct
Memory Access Interface (DMAI) and other DMA controllers
– Single- or dual-address dual transfers
– Half- or full-duplex operation
– Automatic frame termination on counter/timer terminal count or
DMA DONE
• Interrupt capabilities
– Daisy chain option
– Vector output (fixed or modified by status)
– Programmable internal priorities
– Maskable interrupt conditions
• Multi-function programmable 16-bit counter/timer
– Bit rate generator
– Event counter
– Count received or transmitted characters
– Delay generator
– Automatic bit length measurement
• Modem controls
– RTS, CTS, DCD, and up to four general I/O pins per channel
– CTS and DCD programmable autoenables for Tx and Rx
– Programmable interrupt on change of CTS or DCD
• On-chip oscillator for crystal
• TTL compatible
• Single +5V power supply
Asynchronous Mode Features
• Character length: 5 to 8 bits
• Odd or even parity, no parity, or force parity
• Up to two stop bits programmable in 1/16-bit increments
• 1X or 16X Rx and Tx clock factors
• Parity, overrun, and framing error detection
• False start bit detection
• Start bit search 1/2-bit time after framing error detection
• Break generation with handshake for counting break characters
• Detection of start and end of received break
• Character compare with optional interrupt on match
• Transmits up to 4Mbs and receive up to 2Mbps data rates
Character-Oriented Protocol Features
• Character length: 5 to 8 bits
• Odd or even parity, no parity, or force parity
• LRC or CRC generation and checking
• Optional opening PAD transmission
• One or two SYN characters
• External sync capability
• SYN detection and optional stripping
• SYN or MARK line-fill on underrun
• Idle in MARK or SYNs
• Parity, FCS, overrun, and underrun error detection
BISYNC Features
– EBCDIC or ASCII header, text and control messages
– SYN, DLE stripping
– EOM (end of message) detection and transmission
– Auto transparent mode switching
– Auto hunt after receipt of EOM sequence (with closing PAD
check after EOT or NAK)
– Control character sequence detection for both transparent and
normal text
Bit-Oriented Protocol Features
• Character length: 5 to 8 bits
• Detection and transmission of residual character: 0–7 bits
• Automatic switch to programmed character length for 1 field
• Zero insertion and deletion
• Optional opening PAD transmission
• Detection and generation of FLAG, ABORT, and IDLE bit patterns
• Detection and generation of shared (single) FLAG between
frames
• Detection of overlapping (shared zero) FLAGs
• ABORT, ABORT-FLAGs, or FCS FLAGs line-fill on underrun
• Idle in MARK or FLAGs
• Secondary address recognition including group and global
address
• Single- or dual-octet secondary address
• Extended address and control fields
• Short frame rejection for receiver
• Detection and notification of received end of message
• CRC generation and checking
• SDLC loop mode capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com