Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN68681 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SCN68681
Description  Dual asynchronous receiver/transmitter DUART
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68681 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SCN68681 Datasheet HTML 17Page - NXP Semiconductors SCN68681 Datasheet HTML 18Page - NXP Semiconductors SCN68681 Datasheet HTML 19Page - NXP Semiconductors SCN68681 Datasheet HTML 20Page - NXP Semiconductors SCN68681 Datasheet HTML 21Page - NXP Semiconductors SCN68681 Datasheet HTML 22Page - NXP Semiconductors SCN68681 Datasheet HTML 23Page - NXP Semiconductors SCN68681 Datasheet HTML 24Page - NXP Semiconductors SCN68681 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Philips Semiconductors
Product specification
SCN68681
Dual asynchronous receiver/transmitter (DUART)
1998 Sep 04
21
tCLK
tCTC
tRx
tTx
X1/CLK
CTCLK
RxC
TxC
+5V
1K
Ω
X1
X2
X2
3.6864MHz
X1
C1
C2
DRIVING FROM
EXTERNAL SOURCE
SCN2681
74LS04
CLOCK
TO OTHER
CHIPS
1K
+5V
CRYSTAL SERIES RESISTANCE3 SHOULD BE LESS THAN 180
Ω
R1: 100K - 1Meg (See design note)
C1 = C2: 0-5pF + (STRAY < 5pF)
tCLK
tCTC
tRx
tTx
OPEN
When using an external clock it is preferred to drive X2 and leave X1 open.
X2 is the input to the internal driver, while X1 is the output.
TO THE REST
OF THE DUART
CIRCUITS
R1
U1
R1 is only required if U1 will not drive to X2 high level.
Previous specifications indicated X2 should be grounded and X1
should be driven. This is still acceptable. It is electrically easier to drive
the amplifier input than to overdrive its output.
R2
R2 = 50k
Ω to 150kΩ
SD00115
Figure 9. Clock Timing
NOTES:
1. INTRN or OP3 – OP7 when used as interrupt outputs.
2. The test for open drain outputs is intended to guarantee switching of the output transistor. Measurement of this response is referenced from the mid point of the switching signal, VM, to
a point 0.5 volts above VOL. This point represents noise margin that assures true switching has occurred. Beyond this level, the effects of external circuitry and test environment are
pronounced and can greatly affect the resultant measurement.
VM
VOL +0.5V
VOL
CSN
(READ OR
WRITE)
INTERRUPT1
OUTPUT
tIR
SD00116
Figure 10. Interrupt Timing
tTXD
tTCS
1 BIT TIME
(1 OR 16 CLOCKS)
TxD
TxC
(INPUT)
TxC
(1X OUTPUT)
SD00117
Figure 11. Transmit Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com