Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHM140UFSMS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SHM140UFSMS
Description  50-250 mA 1500-14000 VOLTS 60-100 Nsec HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHM140UFSMS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SHM140UFSMS Datasheet HTML 1Page - Solid States Devices, Inc SHM140UFSMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SHM140UFSMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHM140UF SSDI-SHM140UF Datasheet
223Kb / 2P
50-250 mA 1500-14000 VOLTS 60-100 nsec HIGH VOLTAGE RECTIFIER
SHM140UF SSDI-SHM140UF Datasheet
84Kb / 2P
HIGH VOLTAGE RECTIFIER
More results

Similar Description - SHM140UFSMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR803 SSDI-SDR803 Datasheet
39Kb / 2P
100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER
SGB10UF SSDI-SGB10UF Datasheet
39Kb / 2P
60 mA 1000 - 3500 VOLTS 60 nsec HIGH VOLTAGE RECTIFIER
SGB10UFSMS SSDI-SGB10UFSMS Datasheet
21Kb / 2P
60 mAMPS 1000 - 3500 VOLTS 60 nsec HIGH VOLTAGE RECTIFIER
SHM15 SSDI-SHM15 Datasheet
216Kb / 2P
100-250 mA 1500-10000 VOLTS 5 usec HIGH VOLTAGE RECTIFIER
SHM15SMS SSDI-SHM15SMS Datasheet
224Kb / 2P
100-250 mA 1500-10000 VOLTS 5 usec HIGH VOLTAGE RECTIFIER
SHM15F SSDI-SHM15F Datasheet
225Kb / 2P
50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER
SHM15FSMS SSDI-SHM15FSMS Datasheet
236Kb / 2P
50-250 mA 1500-14000 VOLTS 200 usec HIGH VOLTAGE RECTIFIER
SHM15UF SSDI-SHM15UF Datasheet
223Kb / 2P
50-250 mA 1500-14000 VOLTS 60-100 nsec HIGH VOLTAGE RECTIFIER
SGB10UFSMS SSDI-SGB10UFSMS_1 Datasheet
81Kb / 2P
60 mAMP 1000-3500 VOLTS 60 nsec HIGH VOLTAGE RECTIFIER
SHR25UF SSDI-SHR25UF Datasheet
82Kb / 2P
500 mA 2500 - 6000 VOLTS 60 nsec HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com