Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR3114ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR3114ZPBF
Description  AUTOMOTIVE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3114ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLR3114ZPBF Datasheet HTML 1Page - International Rectifier IRLR3114ZPBF Datasheet HTML 2Page - International Rectifier IRLR3114ZPBF Datasheet HTML 3Page - International Rectifier IRLR3114ZPBF Datasheet HTML 4Page - International Rectifier IRLR3114ZPBF Datasheet HTML 5Page - International Rectifier IRLR3114ZPBF Datasheet HTML 6Page - International Rectifier IRLR3114ZPBF Datasheet HTML 7Page - International Rectifier IRLR3114ZPBF Datasheet HTML 8Page - International Rectifier IRLR3114ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
5/9/07
www.irf.com
1
HEXFET® is a registered trademark of International Rectifier.
Description
Specifically designed for Automotive applications,
this HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low
on-resistance per silicon area. Additional features
of this design are a 175°C junction operating
temperature, fast switching speed and improved
repetitive avalanche rating . These features com-
bine to make this design an extremely efficient and
reliable device for use in Automotive applications
and a wide variety of other applications.
Features
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Logic Level
AUTOMOTIVE MOSFET
PD - 97284
IRLR3114ZPbF
IRLU3114ZPbF
HEXFET® Power MOSFET
VDSS = 40V
RDS(on) = 4.9mΩ
S
D
G
D-Pak
IRLR3114ZPbF
I-Pak
IRLU3114ZPbF
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energyd
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Reflow Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
j
–––
1.05
RθJA
Junction-to-Ambient (PCB mount)
ij
–––
40
°C/W
RθJA
Junction-to-Ambient
j
–––
110
260
130
See Fig.12a, 12b, 15, 16
140
0.95
±16
Max.
130
89
500
42
-55 to + 175
300
10 lbf
yin (1.1Nym)


Similar Part No. - IRLR3114ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3114ZPBF IRF-IRLR3114ZPBF Datasheet
321Kb / 11P
Advanced Process Technology
IRLR3114ZPBF IRF-IRLR3114ZPBF_15 Datasheet
321Kb / 11P
Advanced Process Technology
More results

Similar Description - IRLR3114ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3808S IRF-IRF3808S Datasheet
162Kb / 11P
AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
AUTOMOTIVE MOSFET
IRF2903ZSPBF IRF-IRF2903ZSPBF Datasheet
344Kb / 11P
AUTOMOTIVE MOSFET
IRF3805S-7P IRF-IRF3805S-7P Datasheet
638Kb / 10P
AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR3505TRL KERSEMI-IRFR3505TRL Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR3710ZPBF KERSEMI-IRFR3710ZPBF Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFU3505PBF KERSEMI-IRFU3505PBF Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com