Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5SMF Datasheet(PDF) 3 Page - Cree LED

Part # C5SMF
Description  C5SMF-Rxx,Gxx,Bxx:Screen Master® 5-mm Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

C5SMF Datasheet(HTML) 3 Page - Cree LED

  C5SMF Datasheet HTML 1Page - Cree LED C5SMF Datasheet HTML 2Page - Cree LED C5SMF Datasheet HTML 3Page - Cree LED C5SMF Datasheet HTML 4Page - Cree LED C5SMF Datasheet HTML 5Page - Cree LED C5SMF Datasheet HTML 6Page - Cree LED C5SMF Datasheet HTML 7Page - Cree LED C5SMF Datasheet HTML 8Page - Cree LED C5SMF Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
C5SMF-Rxx, Gxx, Bxx:SCREEN MASTER® 5-MM OVAL LEDs
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1240
REV 6
3
INTENSITY BIN LIMIT
Red (20 mA) - C5SMF-RJF/RJE
Green (20 mA) - C5SMF-GJF/GJE
Bin Code
Sub-Bin
Min.(mcd)
Max.(mcd)
Bin Code
Sub-Bin
Min.(mcd)
Max.(mcd)
T0
T1
1100
1205
V0
V1
2130
2347
T2
1205
1310
V2
2347
2564
T3
1310
1415
V3
2564
2781
T4
1415
1520
V4
2781
3000
U0
U1
1520
1672
W0
W1
3000
3295
U2
1672
1824
W2
3295
3590
U3
1824
1976
W3
3590
3885
U4
1976
2130
W4
3885
4180
V0
V1
2130
2347
X0
X1
4180
4600
V2
2347
2564
X2
4600
5020
V3
2564
2781
X3
5020
5440
V4
2781
3000
X4
5440
5860
W0
W1
3000
3295
Y0
Y1
5860
6445
W2
3295
3590
Y2
6445
7030
W3
3590
3885
Y3
7030
7615
W4
3885
4180
Y4
7615
8200
*
Tolerance of measurement of luminous intensity is ±15%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com