Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVG612AS Datasheet(PDF) 1 Page - International Rectifier

Part # PVG612AS
Description  Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 2.0A AC/ 4.0 A DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG612AS Datasheet(HTML) 1 Page - International Rectifier

  PVG612AS Datasheet HTML 1Page - International Rectifier PVG612AS Datasheet HTML 2Page - International Rectifier PVG612AS Datasheet HTML 3Page - International Rectifier PVG612AS Datasheet HTML 4Page - International Rectifier PVG612AS Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet No. PD10062 revE
Series PVG612A & PbF
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single Pole, Normally Open, 0-60V, 2.0A AC/ 4.0 A DC
General Description
The PVG612A Series Photovoltaic Relay is a single-
pole, normally open solid-state relay that can replace
electromechanical relays in many applications. It util-
izes International Rectifier’s proprietary HEXFET
power MOSFET as the output switch, driven by an
integrated circuit photovoltaic generator of novel
construction. The output switch is controlled by ra-
diation from a GaAlAs light emitting diode (LED)
which is optically isolated from the photovoltaic
generator.
These units exceed the performance capabilities of
electromechanical relays in operating life, sensitiv-
ity, stability of on-resistance, miniaturization, insen-
sitivity to magnetic fields and ruggedess. The com-
pact PVG612A is particularly suited for isolated
switching of high currents from 12 to 48 Volt AC or
DC power sources.
Series PVG612A Relays are packaged in a 6-pin,
molded DIP package with either thru-hole or surface
mount (gull-wing) terminals. It is available in stan-
dard plastic shipping tubes or on tape-and-reel.
Please refer to Part Identification information opposite.
Features
! Bounce-free operation
! High load current capacity
! High off-state resistance
! Linear AC/DC operation
! 4,000 V
RMS I/O Isolation
! Solid-State reliability
! UL recognized; pending for lead-free
part number (PbF)
! ESD Tolerance:
4000V Human Body Model
500V Machine Model
Applications
! Programmable Logic Controllers
! Computers and Peripheral Devices
! Audio Equipment
! Power Supplies and Power Distribution
! Control of Displays and Indicators
! Industrial Automation
Part Identification
PVG612A & PbF
thru-hole
PVG612AS & PbF
surface-mount
PVG612AS-T & PbF
surface-mount, tape
and reel
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
www.irf.com
1


Similar Part No. - PVG612AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVG612AS-TPBF IRF-PVG612AS-TPBF Datasheet
226Kb / 6P
Bounce-free operation
PVG612ASPBF IRF-PVG612ASPBF Datasheet
226Kb / 6P
Bounce-free operation
More results

Similar Description - PVG612AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVDZ172N IRF-PVDZ172N Datasheet
137Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVG612 IRF-PVG612 Datasheet
274Kb / 4P
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
PVR13N IRF-PVR13N Datasheet
70Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVDZ172N IRF-PVDZ172N_06 Datasheet
105Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVN012APBF IRF-PVN012APBF Datasheet
129Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-20V, 4.0A AC/ 6.0A DC
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com