Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVG612AS-T Datasheet(PDF) 3 Page - International Rectifier

Part # PVG612AS-T
Description  Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 2.0A AC/ 4.0 A DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG612AS-T Datasheet(HTML) 3 Page - International Rectifier

  PVG612AS-T Datasheet HTML 1Page - International Rectifier PVG612AS-T Datasheet HTML 2Page - International Rectifier PVG612AS-T Datasheet HTML 3Page - International Rectifier PVG612AS-T Datasheet HTML 4Page - International Rectifier PVG612AS-T Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series PVG612A & PbF
www.irf.com
3
Connection Diagrams
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
0
10
2030
4050
60
"A" Connection
Figure 1. Current Derating Curves
Figure 2. Typical Output Capacitance
Figure 3. Typical Linearity Characteristics
Figure 4. Typical Normalized On-Resistance
Ambient Temperature (C)
VDD Drain to Drain Voltage
Voltage Drop VDD
Temperature (C)
0
10
20
30
40
50
60
70
80
90
100
025
50
75
100
"A" Connection
"B" Connection
"C" Connection
-8
-6
-4
-2
0
2
4
6
8
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
I LED=10mA
Pulsed, 25C
0.0
1.0
2.0
3.0
4.0
5.0
0
2 0
4 0
6 0
8 0
100
"A " C onnec tion
"B " C onnec tion
"C " C onnec tion
I
LE D
= 10m A
0
20
40
60
80
100
5,0
4.0
3.0
2.0
1.0
0.0
“C” Connection
ILED = 10mA
“B” Connection
“A” Connection



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com