Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT412AS Datasheet(PDF) 4 Page - International Rectifier

Part # PVT412AS
Description  Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT412AS Datasheet(HTML) 4 Page - International Rectifier

  PVT412AS Datasheet HTML 1Page - International Rectifier PVT412AS Datasheet HTML 2Page - International Rectifier PVT412AS Datasheet HTML 3Page - International Rectifier PVT412AS Datasheet HTML 4Page - International Rectifier PVT412AS Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series PVT412A & PbF
www.irf.com
5
Figure 6. Typical Delay Times
Figure 8. Typical Output Capacitance
0.01
0.10
1.00
10.00
1
2
34
5
6
78
9
10
I LED (mA)
Ton
Tdly
Figure 5. Input Characteristics (Current Controlled)
0
0.5
1.0
1.5
2.0
LED Forward Voltage Drop (Volts DC)
Toff
“A” Connection
ID
10%
tdly
ton
toff
ILED
90%
Figure 7. Delay Time Definitions
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
35
40
45
50
VDD Drain to Drain Voltage
“A” Connection



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com