Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX1-R5 Datasheet(PDF) 1 Page - Mini-Circuits

Part # TX1-R5
Description  RF Transformer TX1-R5
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TX1-R5 Datasheet(HTML) 1 Page - Mini-Circuits

  TX1-R5 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
Ω
RATIO
FREQUENCY
(MHz)
INSERTION LOSS*
3 dB
MHz
2 dB
MHz
1 dB
MHz
1
0.8-500
0.8-500
1.2-350
3.2-180
* Insertion Loss is referenced to mid-band loss, 0.7 dB typ.
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
50Ω
0.8 to 500 MHz
RF Transformer
TX1-R5+
TX1-R5
CASE STYLE: TT240
PRICE: $3.75 ea. QTY (1-9)
Maximum Ratings
Pin Connections
Operating Temperature
-20°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25W
DC Current
30mA
Transformer Electrical Specifications
REV. A
M98898
TX1-R5
IG/TD/CP
070515
Typical Performance Data
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
TX1-R5
INSERTION LOSS
0.0
1.0
2.0
3.0
4.0
5.0
0
100
200
300
400
500
FREQUENCY (MHz)
PRIMARY DOT
4
PRIMARY
6
SECONDARY DOT
3
SECONDARY
1
NOT USED
2,5
Features
• wideband, 0.8 to 500 MHz
• excellent return loss
Applications
• VHF/UHF
• receivers/transmitters
Surface Mount
A
B
C
D
E
F
.250
.31
.20
.100
.050
.055
6.35
7.87
5.08
2.54
1.27
1.40
G
H
J
K
wt
.040
.070
.270
.050
grams
1.02
1.78
6.86
1.27
0.50
Outline Dimensions (
)
inch
mm
Outline Drawing
Config. C
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
0.80
0.87
11.84
1.20
0.87
13.26
2.20
0.87
15.37
3.20
0.86
16.68
91.60
0.74
14.38
180.00
0.92
10.21
265.00
1.32
7.79
350.00
1.28
6.22
425.00
1.87
5.32
500.00
2.01
4.63


Similar Part No. - TX1-R5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX1-10 ETC1-TX1-10 Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
TX1-10F ETC1-TX1-10F Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
TX1-10FZ ETC1-TX1-10FZ Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
TX1-10X ETC1-TX1-10X Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
TX1-10XF ETC1-TX1-10XF Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
More results

Similar Description - TX1-R5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com