Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYNX10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TYNX10
Description  10A SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYNX10 Datasheet(HTML) 3 Page - STMicroelectronics

  TYNX10 Datasheet HTML 1Page - STMicroelectronics TYNX10 Datasheet HTML 2Page - STMicroelectronics TYNX10 Datasheet HTML 3Page - STMicroelectronics TYNX10 Datasheet HTML 4Page - STMicroelectronics TYNX10 Datasheet HTML 5Page - STMicroelectronics TYNX10 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYNx10 Series
3/6
Figure 3: Average on-state current versus case
temperature
Figure
4:
Relative
variation
of
thermal
impedance versus pulse duration
Figure 5: Relative variation of gate trigger
current versus junction temperature
Figure 6: Surge peak on-state current versus
number of cycles
Figure 7: Non-repetitive surge peak on-state
current for a sinusoidal pulse with width
tp < 10 ms, and corresponding values of I²t
Figure 8: On-state characteristics (maximum
values)
I
(A)
T(AV)
12
10
8
6
4
2
0
0
10
20
30
40
60
70
90
110
120
50
80
100
130
T
(°C)
case
α = 180°
D.C.
K=[Z
/R
th(j-c)
th(j-c)]
t (s)
p
Zth(j-c)
Zth(j-a)
1
0.1
0.01
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
2.5
2
1.5
1
0.5
0
-20
-30
-40
0
10
-10
20
40
30
50
60
70
80
90
100 110
I
(A)
TSM
Number of cycles
T initial=25°C
j
t =10ms
p
One cycle
120
100
80
60
40
20
0
1
10
100
1000
I
(A), I t (A s)
TSM
22
t (ms)
p
I t
2
ITSM
T initial = 25°C
j
10
100
1
2
510
I
(A)
TM
1000
100
10
1
01
2
3
4
5
V
(V)
TM
V =0.82V
R =24m
T max.:
j
t0
d
Ω
Tj=max
T =25°C
j



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com