Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2P2L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS2P2L
Description  Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2P2L Datasheet(HTML) 2 Page - Vishay Siliconix

  SS2P2L Datasheet HTML 1Page - Vishay Siliconix SS2P2L Datasheet HTML 2Page - Vishay Siliconix SS2P2L Datasheet HTML 3Page - Vishay Siliconix SS2P2L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number: 88916
Revision: 16-May-07
Vishay General Semiconductor
SS2P2L & SS2P3L
New Product
Note:
(1) Thermal resistance from junction to ambient and junction to lead mounted on P.C.B. with 5.0 x 5.0 mm copper pad areas. RθJL is measured
at the terminal of cathode band. RθJC is measured at the top centre of the body
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS2P2L
SS2P3L
UNIT
Typical thermal resistance (1)
RθJA
RθJL
RθJC
115
15
20
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS2P3L-E3/84A
0.024
84A
3000
7" Diameter Plastic Tape & Reel
SS2P3L-E3/85A
0.024
85A
10000
13" Diameter Plastic Tape & Reel
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
0
2.4
80
90
100
110
120
130
140
150
1.6
2.0
0.4
0.8
1.2
TL measured
at the cathode band terminal
Lead Temperature (°C)
1
10
100
10
20
30
0
40
50
Number of Cycles at 50 Hz
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Leakage Characteristics
0.1
0.3
0.5
0.7
0.9
1.1
1.3
0.1
10
1
100
Instantaneous Forward Voltage (V)
Tj = 150 °C
Tj = 125 °C
Tj = 25 °C
20
40
60
80
100
0.1
1
10
100
1000
10
30
50
70
90
100000
10000
Tj = 150 °C
Tj = 125 °C
Tj = 25 °C
Percent of Rated Peak Reverse Voltage (%)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com