Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA345 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA345
Description  ULTRA FAST HIGH VOLTAGE ASSEMBLY UP TO 10 KV 250 mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA345 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA345 Datasheet HTML 1Page - Solid States Devices, Inc SDA345 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SDA345

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA345 SSDI-SDA345 Datasheet
104Kb / 2P
ULTRA FAST RECOVERY HIGH VOLTAGE ASSEMBLY
SDA345 SSDI-SDA345_1 Datasheet
104Kb / 2P
ULTRA FAST RECOVERY HIGH VOLTAGE ASSEMBLY
More results

Similar Description - SDA345

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDRS614 SSDI-SDRS614 Datasheet
25Kb / 1P
250 mA 2,200 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDRS614LL SSDI-SDRS614LL Datasheet
29Kb / 1P
250 mA 2,200 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDA346 SSDI-SDA346 Datasheet
194Kb / 2P
ULTRA FAST HIGH VOLTAGE ASSEMBLY UP TO 30 KV 250 mA
logo
American Accurate Compo...
HVP57057FB AAC-HVP57057FB Datasheet
105Kb / 1P
Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
logo
Solid States Devices, I...
SDA345 SSDI-SDA345_1 Datasheet
104Kb / 2P
ULTRA FAST RECOVERY HIGH VOLTAGE ASSEMBLY
SDA346 SSDI-SDA346_1 Datasheet
104Kb / 2P
ULTRA FAST RECOVERY HIGH VOLTAGE ASSEMBLY
logo
Vishay Siliconix
HVR25 VISHAY-HVR25 Datasheet
132Kb / 7P
High Ohmic (up to 10 Mohm)/High Voltage (up to 3.5 kV) Metal Film Leaded Resistors
26-May-14
logo
TT Electronics.
4530 TTELEC-4530 Datasheet
269Kb / 2P
voltage up to 15 kv dc
logo
Murata Manufacturing Co...
935125424710-XXA MURATA1-935125424710-XXA Datasheet
229Kb / 2P
l Ultra High operating temperature - EXSC: up to 250?
Last updated06/13/2022
935125426733-XXA MURATA1-935125426733-XXA Datasheet
228Kb / 2P
Ultra High operating temperature - EXSC: up to 250?
Last updated06/13/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com