Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DML3012LDC Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DML3012LDC
Description  SINGLE-CHANNEL SMART LOAD SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML3012LDC Datasheet(HTML) 3 Page - Diodes Incorporated

  DML3012LDC Datasheet HTML 1Page - Diodes Incorporated DML3012LDC Datasheet HTML 2Page - Diodes Incorporated DML3012LDC Datasheet HTML 3Page - Diodes Incorporated DML3012LDC Datasheet HTML 4Page - Diodes Incorporated DML3012LDC Datasheet HTML 5Page - Diodes Incorporated DML3012LDC Datasheet HTML 6Page - Diodes Incorporated DML3012LDC Datasheet HTML 7Page - Diodes Incorporated DML3012LDC Datasheet HTML 8Page - Diodes Incorporated DML3012LDC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DML3012LDC
Document number: DS44725 Rev. 8 - 2
3 of 13
www.diodes.com
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
DML3012LDC
Typical Application Circuit
DML3012
VOUT
VOUT
VOUT
VOUT
BLEED
VIN
EN
VCC
GND
SR
PG
VIN
OFF ON
Vcc
VOUT
RBLEED
100Ω
RPG
100kΩ
CVOUT
0.1uF
CSR
1nF
CVCC
1uF
CVIN
1uF
VIN
1
2
3
4
5
6
7
8
9
10
11
12
13
VTERM
VOUT
Pin Description
Pin Number
Pin Name
Pin Function
1, 13
VIN
Drain of internal MOSFET, Pin 1 must connect to Pin 13.
2
EN
Active-high digital input used to turn on the MOSFET, pin has an internal pulldown resistor to GND.
3
VCC
Supply voltage to controller (3.0V to 5.5V).
4
GND
Controller ground.
5
SR
Slew rate adjustment; please refer to CSR vs. VOUT rising time table.
6
PG
Active-high, open-drain output that indicates when the gate of the MOSFET is fully charged, external
pullup resistor
 1kΩ to an external voltage source required; tie to GND if not used.
7
BLEED
Load bleed connection, must be tied to VOUT either directly or through a resistor  1kΩ.
8 to 12
VOUT
Source of internal MOSFET connected to load.
Function Block Diagram
Thermal
Undervoltage
&
Short-Circuit
Protection
Control
Logic
Gate
Drive
Bandgap, Biases
&
Charge Pump
VCC
EN
PG
VIN
GND
BLEED
VOUT
SR
DML3012LDC
0.1µF
1µF
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com