Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1ICS3101U Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SL1ICS3101U
Description  I.CODE1 Label IC 97pF Chip Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3101U Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SL1ICS3101U Datasheet HTML 14Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 15Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 16Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 17Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 18Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 19Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 20Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 21Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Product Specification
SL1 ICS31 01
Rev. 1.2
July 2000
Page 21 of 22
Public
19 Appendix D: Wafer Map
The following screenshot shows an example of a wafer map:
Map file of this example:
ELECTROGLAS APPLICATIONS - WAFER TEST DATA
FILE
COPYRIGHT
ASCEND
LOT
09397
DEVICE VCOL1HE2
PRODUCT VCOL\4020
WAFER 05
READER 09397-05-B6
XSTEP
575
UNITS
(0.1)MIL
YSTEP
587
UNITS
(0.1)MIL
XREF
16891
UNITS
(0.1)MIL
YREF
-261
UNITS
(0.1)MIL
XDELTA 0
YDELTA 0
FLAT
0
XFRST
21
YFRST
50
PRQUAD 1
COQUAD 1
DIAM
6000
UNITS
MIL
DATE
2000-01-23
TIME
15:30:00
OPERATOR
4020
SETUP FILE
M:\SET\VCOL1HE2.SET
TEST SYSTEM
SYS
VCOL\4020
TEST DATA
PROBE CARD
PC
PROBER PIWP105
:
:
### shortening of the file ###
:
:
X40Y3
3
0
X41Y3
5
1
X42Y3
5
1
X43Y3
5
1
X44Y3
5
1
X45Y3
5
1
X46Y3
5
1
X47Y3
2
0
X48Y3
2
0
X49Y3
2
0
X50Y3
5
1
X51Y3
5
1
X52Y3
5
1
X53Y3
5
1
X54Y3
5
1
:
:
### shortening of the file ###
:
:
EDATE
ETIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com